Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT15DQ100K Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. APT15DQ100K
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15DQ100K Datasheet(HTML) 2 Page - Microsemi Corporation

  APT15DQ100K Datasheet HTML 1Page - Microsemi Corporation APT15DQ100K Datasheet HTML 2Page - Microsemi Corporation APT15DQ100K Datasheet HTML 3Page - Microsemi Corporation APT15DQ100K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIN
TYP
MAX
-
20
-
235
-
185
-
3
-
-
300
-
810
-
6
-
-
125
-
1150
-
19
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 15A, diF/dt = -200A/µs
V
R = 667V, TC = 25°C
I
F = 15A, diF/dt = -200A/µs
V
R = 667V, TC = 125°C
I
F = 15A, diF/dt = -1000A/µs
V
R = 667V, TC = 125°C
I
F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C
APT15DQ100K(G)
DYNAMIC CHARACTERISTICS
New Diode Data Sheet By Darel Bidwell
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
1.20
1.00
0.80
0.60
0.40
0.20
0
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Package Weight
Maximum Mounting Torque
Symbol
RθJC
W
T
Torque
MIN
TYP
MAX
1.18
0.07
1.9
10
1.1
UNIT
°C/W
oz
g
lb•in
N•m
D = 0.9
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
0.676
0.504
0.00147
0.0440
Dissipated Power
(Watts)
TJ (°C)
TC (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APT2X101DQ100JULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
IRG4PC50UDPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF06PBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1 2 3 4 5 MoreInternational Rectifier
HFA140NH60Ultrafast Soft Recovery Diode 1 2 3 4 5 International Rectifier
10ETF10FPFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF12PBFFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
IRGP4063DPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
HFA25TB60SUltrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier
60EPU02PBFUltrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier
HFA08PB60Ultrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn