Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT15DQ100K Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APT15DQ100K
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15DQ100K Datasheet(HTML) 1 Page - Microsemi Corporation

  APT15DQ100K Datasheet HTML 1Page - Microsemi Corporation APT15DQ100K Datasheet HTML 2Page - Microsemi Corporation APT15DQ100K Datasheet HTML 3Page - Microsemi Corporation APT15DQ100K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Diode Data Sheet By Darel Bidwell
PRODUCT BENEFITS
• Low Losses
• Low Noise Switching
• Cooler Operation
• Higher Reliability Systems
• Increased System Power
Density
PRODUCT FEATURES
• Ultrafast Recovery Times
• Soft Recovery Characteristics
• Popular TO-220 Package
• Low Forward Voltage
• Low Leakage Current
• Avalanche Energy Rated
PRODUCT APPLICATIONS
• Anti-Parallel Diode
-Switchmode Power Supply
-Inverters
• Free Wheeling Diode
-Motor Controllers
-Converters
-Inverters
• Snubber Diode
• PFC
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
1000V 15A
APT15DQ100K
APT15DQ100KG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
V
F
I
RM
C
T
UNIT
Volts
µA
pF
MIN
TYP
MAX
2.5
3.0
3.06
1.92
100
500
12
Characteristic / Test Conditions
Forward Voltage
Maximum Reverse Leakage Current
Junction Capacitance, V
R = 200V
I
F = 15A
I
F = 30A
I
F = 15A, TJ = 125°C
V
R = 1000V
V
R = 1000V, TJ = 125°C
Characteristic / Test Conditions
Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage
Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (T
C = 126°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Avalanche Energy (1A, 40mH)
Operating and StorageTemperature Range
Lead Temperature for 10 Sec.
Symbol
V
R
V
RRM
V
RWM
I
F(AV)
I
F(RMS)
I
FSM
E
AVL
T
J,TSTG
T
L
UNIT
Volts
Amps
mJ
°C
APT15DQ100K(G)
1000
15
29
80
20
-55 to 175
300
1 - Cathode
2 - Anode
Back of Case -Cathode
1
2
TO-220
1
2
(K)
Microsemi Website - http://www.microsemi.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
APT2X101DQ100J ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
IRG4PC50UDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
10ETF06PBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1  2  3  4  5  More International Rectifier
HFA140NH60 Ultrafast Soft Recovery Diode 1  2  3  4  5  International Rectifier
10ETF10FP FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
10ETF12PBF FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
IRGP4063DPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
HFA25TB60S Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
60EPU02PBF Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
HFA08PB60 Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn