Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT15DQ100K Datasheet(PDF) 3 Page - Microsemi Corporation

Part No. APT15DQ100K
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15DQ100K Datasheet(HTML) 3 Page - Microsemi Corporation

  APT15DQ100K Datasheet HTML 1Page - Microsemi Corporation APT15DQ100K Datasheet HTML 2Page - Microsemi Corporation APT15DQ100K Datasheet HTML 3Page - Microsemi Corporation APT15DQ100K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT15DQ100K(G)
TYPICAL PERFORMANCE CURVES
TJ = 125°C
VR = 667V
7.5A
15A
30A
t
rr
Q
rr
Q
rr
t
rr
I
RRM
400
350
300
250
200
150
100
50
0
25
20
15
10
5
0
Duty cycle = 0.5
TJ = 175°C
35
30
25
20
15
10
5
0
1.2
1.0
0.8
0.6
0.4
0.2
0.0
80
70
60
50
40
30
20
10
0
T
J, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
V
R, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage
45
40
35
30
25
20
15
10
5
0
2000
1800
1600
1400
1200
1000
800
600
400
200
0
V
F, ANODE-TO-CATHODE VOLTAGE (V)
-di
F /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
TJ = 125°C
VR = 667V
T
J = 175°C
T
J = -55°C
T
J = 25°C
T
J = 125°C
0
1
2
3
4
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
TJ = 125°C
VR = 667V
30A
7.5A
15A
30A
15A
7.5A
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100 200


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APT2X101DQ100JULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 Microsemi Corporation
IRG4PC50UDPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF06PBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1 2 3 4 5 MoreInternational Rectifier
HFA140NH60Ultrafast Soft Recovery Diode 1 2 3 4 5 International Rectifier
10ETF10FPFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
10ETF12PBFFAST SOFT RECOVERY RECTIFIER DIODE 1 2 3 4 5 MoreInternational Rectifier
IRGP4063DPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
HFA25TB60SUltrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier
60EPU02PBFUltrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier
HFA08PB60Ultrafast Soft Recovery Diode 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn