Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT2X101DQ100J Datasheet(PDF) 3 Page - Microsemi Corporation

Part No. APT2X101DQ100J
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT2X101DQ100J Datasheet(HTML) 3 Page - Microsemi Corporation

  APT2X101DQ100J Datasheet HTML 1Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 2Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 3Page - Microsemi Corporation APT2X101DQ100J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT2x101_100DQ100J
TYPICAL PERFORMANCE CURVES
TJ = 125°C
VR = 667V
50A
100A
150A
I
RRM
Q
rr
Q
rr
t
rr
t
rr
400
350
300
250
200
150
100
50
0
80
70
60
50
40
30
20
10
0
Duty cycle = 0.5
TJ = 175°C
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100 200
160
140
120
100
80
60
40
20
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
800
700
600
500
400
300
200
100
0
T
J, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
V
R, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage
300
250
200
150
100
50
0
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
V
F, ANODE-TO-CATHODE VOLTAGE (V)
-di
F /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
0
0.5
1.0
1.5
2.0
2.5
3.0
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
T
J = 175°C
T
J = -55°C
T
J = 25°C
T
J = 125°C
TJ = 125°C
VR = 667V
150A
50A
100A
TJ = 125°C
VR = 667V
150A
100A
50A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRG4PC50UDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
10ETF06PBF FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free 1  2  3  4  5  More International Rectifier
HFA140NH60 Ultrafast Soft Recovery Diode 1  2  3  4  5  International Rectifier
10ETF10FP FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
10ETF12PBF FAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  5  More International Rectifier
IRGP4063DPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
HFA25TB60S Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
60EPU02PBF Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
HFA08PB60 Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
IRG4BC10SDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn