Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6209C50AD Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6209C50AD
Description  High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209C50AD Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6209C50AD Datasheet HTML 6Page - Torex Semiconductor XC6209C50AD Datasheet HTML 7Page - Torex Semiconductor XC6209C50AD Datasheet HTML 8Page - Torex Semiconductor XC6209C50AD Datasheet HTML 9Page - Torex Semiconductor XC6209C50AD Datasheet HTML 10Page - Torex Semiconductor XC6209C50AD Datasheet HTML 11Page - Torex Semiconductor XC6209C50AD Datasheet HTML 12Page - Torex Semiconductor XC6209C50AD Datasheet HTML 13Page - Torex Semiconductor XC6209C50AD Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10/25
XC6209/6212 Series
1
Please use this IC within the stated absolute maximum ratings.
The IC is liable to malfunction should the ratings be exceeded.
2
Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on
output current. Please strengthen VIN and VSS wiring in particular.
3
Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
OPERATIONAL EXPLANATION
Output voltage control with the XC6209/6212 series:
The voltage divided by resistors R1 & R2 is compared with the
internal reference voltage by the error amplifier.
The P-channel MOSFET, which is connected to the VOUT pin, is
then driven by the subsequent output signal. The output voltage at
the VOUT pin is controlled & stabilized by a system of negative
feedback.
The current limit circuit and short protect circuit operate in relation
to the level of output current. Further, the IC's internal circuitry can
be shutdown via the CE pin's signal.
<Low ESR Capacitors>
With the XC6209/6212 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase
compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an
output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an
output capacitor with a capacitance value of at least 1μF. Also, please connect an input capacitor (CIN) of 0.1μF
between the VIN pin and the VSS pin in order to ensure a stable power input.
Stable phase compensation may not be ensured if the capacitor runs out capacitance when depending on bias and
temperature. In case the capacitor depends on the bias and temperature, please make sure the capacitor can
ensure the actual capacitance.
<Current Limiter, Short-Circuit Protection>
The XC6209/6212 series includes a combination of a fixed current limiter circuit & a foldback circuit, which aid the
operations of the current limiter and circuit protection. When the load current reaches the current limit level, the fixed
current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit
operates, output voltage drops further and output current decreases. When the output pin is shorted, a current of
about 50mA flows.
<CE Pin>
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6209/6212 series. In shutdown
mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE pin
is selectable (please refer to the selection guide). Note that as the standard XC6209B type is ' High Active/No Pull
Down', operations will become unstable with the CE pin open. Although the CE pin is equal to an inverter input with
CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC’s in
operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is
used with the correct specifications for the CE pin, the IC will operate normally. However, supply current may
increase as a result of through current in the IC's internal circuitry
NOTES ON USE


Similar Part No. - XC6209C50AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209C122DL TOREX-XC6209C122DL Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209C122DR TOREX-XC6209C122DR Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209C122ML TOREX-XC6209C122ML Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209C122MR TOREX-XC6209C122MR Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6209C122PL TOREX-XC6209C122PL Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results

Similar Description - XC6209C50AD

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com