Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6637 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD6637
Description  35V P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6637 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD6637 Datasheet HTML 1Page - Fairchild Semiconductor FDD6637 Datasheet HTML 2Page - Fairchild Semiconductor FDD6637 Datasheet HTML 3Page - Fairchild Semiconductor FDD6637 Datasheet HTML 4Page - Fairchild Semiconductor FDD6637 Datasheet HTML 5Page - Fairchild Semiconductor FDD6637 Datasheet HTML 6Page - Fairchild Semiconductor FDD6637 Datasheet HTML 7Page - Fairchild Semiconductor FDD6637 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDD6637 Rev. C2(W)
www.fairchildsemi.com
D
R
P
DS(ON)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain–Source Diode Characteristics
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = –14 A
(Note 2)
–0.8
–1.2
V
trr
Diode Reverse Recovery Time
28
ns
Qrr
Diode Reverse Recovery Charge
IF = –14 A,
diF/dt = 100 A/µs
15
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 40°C/W when mounted on a
1in
2 pad of 2 oz copper
b) RθJA = 96°C/W when mounted
on a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. Maximum current is calculated as:
where PD is maximum power dissipation at T C = 25°C and RDS(on) is at T J(max) and VGS = 10V. Package current limitation is 21A
4. BV(avalanche) Single-Pulse rating is guaranteed if device is operated within the UIS SOA boundary of the device.


Similar Part No. - FDD6637

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637 Datasheet
111Kb / 7P
   35V P-Channel PowerTrench-R MOSFET
logo
VBsemi Electronics Co.,...
FDD6637 VBSEMI-FDD6637 Datasheet
999Kb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
FDD6637 UMW-FDD6637 Datasheet
417Kb / 8P
   -30V P-Channel MOSFET
logo
ON Semiconductor
FDD6637-F085 ONSEMI-FDD6637-F085 Datasheet
455Kb / 8P
   P-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637_10 Datasheet
334Kb / 7P
   P-Channel PowerTrench짰 MOSFET -35V, -21A, 18m廓
More results

Similar Description - FDD6637

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6637 FAIRCHILD-FDD6637 Datasheet
111Kb / 7P
   35V P-Channel PowerTrench-R MOSFET
FDD6635 FAIRCHILD-FDD6635 Datasheet
203Kb / 8P
   35V N-Channel PowerTrench MOSFET
logo
Diodes Incorporated
ZXM64P035L3 DIODES-ZXM64P035L3 Datasheet
112Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P035G ZETEX-ZXM64P035G Datasheet
101Kb / 4P
   35V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC5614P FAIRCHILD-FDMC5614P Datasheet
263Kb / 7P
   P-Channel PowerTrench MOSFET
FDC365P FAIRCHILD-FDC365P_07 Datasheet
308Kb / 6P
   P-Channel PowerTrench MOSFET
FDMC86265P FAIRCHILD-FDMC86265P Datasheet
288Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86163P FAIRCHILD-FDMS86163P Datasheet
333Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86263P FAIRCHILD-FDMS86263P Datasheet
351Kb / 8P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com