Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6632 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD6632
Description  N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6632 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD6632 Datasheet HTML 1Page - Fairchild Semiconductor FDD6632 Datasheet HTML 2Page - Fairchild Semiconductor FDD6632 Datasheet HTML 3Page - Fairchild Semiconductor FDD6632 Datasheet HTML 4Page - Fairchild Semiconductor FDD6632 Datasheet HTML 5Page - Fairchild Semiconductor FDD6632 Datasheet HTML 6Page - Fairchild Semiconductor FDD6632 Datasheet HTML 7Page - Fairchild Semiconductor FDD6632 Datasheet HTML 8Page - Fairchild Semiconductor FDD6632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD6632 Rev. B1
Figure 11. Capacitance vs Drain to Source
Voltage
Figure 12. Gate Charge Waveforms for Constant
Gate Currents
Figure 13. Switching Time vs Gate Resistance
Figure 14. Switching Time vs Gate Resistance
Typical Characteristics T
C = 25°C unless otherwise noted
10
100
0.1
1
10
500
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
1
2345
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 9A
ID = 4A
WAVEFORMS IN
DESCENDING ORDER:
0
10
20
30
40
50
0
1020304050
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 15V, ID = 6A
td(OFF)
tr
td(ON)
tf
0
10
20
30
40
0
1020304050
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 15V, ID = 6A
td(OFF)
tr
td(ON)
tf
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0


Similar Part No. - FDD6632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
logo
Inchange Semiconductor ...
FDD6632 ISC-FDD6632 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
logo
Intersil Corporation
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
   9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76633P3 FAIRCHILD-HUF76633P3_12 Datasheet
375Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com