Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6632 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FDD6632
Description  N-Channel Logic Level UltraFET짰 Trench Power MOSFET 30V, 9A, 70m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6632 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FDD6632_04 Datasheet HTML 3Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 4Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 5Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 6Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 7Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 8Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 9Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 10Page - Fairchild Semiconductor FDD6632_04 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD6632 Rev. B1
SABER Electrical Model
REV March 2002
template FDD6632 n2,n1,n3
electrical n2,n1,n3
{
var i iscl
dp..model dbodymod = (isl=9.5e-12,rs=2.3e-2,xti=1,ikf=15.00,nl=1.15,trs1=1.0e-3,trs2=8.0e-7,cjo=1.7e-10,tt=7e-9,m=0.47)
dp..model dbreakmod = (rs=1e-1,trs1=1.12e-3,trs2=1.25e-6)
dp..model dplcapmod = (cjo=8.1e-11,isl=10e-30,nl=10,m=0.43)
m..model mmedmod = (type=_n,vto=1.76,kp=.6,is=1e-30, tox=1)
m..model mstrongmod = (type=_n,vto=2.08,kp=9,is=1e-30, tox=1)
m..model mweakmod = (type=_n,vto=1.52,kp=0.03,is=1e-30, tox=1,rs=.1)
sw_vcsp..model s1amod = (ron=1e-5,roff=0.1,von=-4,voff=-1.5)
sw_vcsp..model s1bmod = (ron=1e-5,roff=0.1,von=-1.5,voff=-4)
sw_vcsp..model s2amod = (ron=1e-5,roff=0.1,von=-0.6,voff=-0.1)
sw_vcsp..model s2bmod = (ron=1e-5,roff=0.1,von=-0.1,voff=-0.6)
c.ca n12 n8 = 1.8e-10
c.cb n15 n14 = 1.9e-10
c.cin n6 n8 = 2.35e-10
dp.dbody n7 n5 = model=dbodymod
dp.dbreak n5 n11 = model=dbreakmod
dp.dplcap n10 n5 = model=dplcapmod
spe.ebreak n11 n7 n17 n18 = 32.05
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evthres n6 n21 n19 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
i.it n8 n17 = 1
l.lgate n1 n9 = 3.84e-9
l.ldrain n2 n5 = 1.00e-9
l.lsource n3 n7 = 4e-9
res.rlgate n1 n9 = 38.4
res.rldrain n2 n5 = 10
res.rlsource n3 n7 = 40
m.mmed n16 n6 n8 n8 = model=mmedmod, l=1u, w=1u
m.mstrong n16 n6 n8 n8 = model=mstrongmod, l=1u, w=1u
m.mweak n16 n21 n8 n8 = model=mweakmod, l=1u, w=1u
res.rbreak n17 n18 = 1, tc1=1.01e-3,tc2=1.00e-7
res.rdrain n50 n16 = 12e-3, tc1=9e-3,tc2=4e-5
res.rgate n9 n20 = 4.2
res.rslc1 n5 n51 = 1e-6, tc1=5e-3,tc2=1e-6
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 3e-2, tc1=1.0e-3,tc2=1e-6
res.rvthres n22 n8 = 1, tc1=-1.5e-3,tc2=-7e-6
res.rvtemp n18 n19 = 1, tc1=-1.8e-3,tc2=1.2e-6
sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod
v.vbat n22 n19 = dc=1
equations {
i (n51->n50) +=iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/40))** 3))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6


Similar Part No. - FDD6632_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
logo
Inchange Semiconductor ...
FDD6632 ISC-FDD6632 Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6632_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6632 FAIRCHILD-FDD6632 Datasheet
241Kb / 11P
   N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90m?
logo
Intersil Corporation
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
   9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
FDD16AN08_F085 FAIRCHILD-FDD16AN08_F085 Datasheet
2Mb / 11P
   N-Channel UltraFET짰 Trench MOSFET
logo
ON Semiconductor
HUF76629D3ST-F085 ONSEMI-HUF76629D3ST-F085 Datasheet
550Kb / 7P
   N-Channel Logic Level UltraFET짰 Power MOSFET 100V, 20A, 52m廓
August-2017, Rev. 3
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
HUFA76645S3ST FAIRCHILD-HUFA76645S3ST Datasheet
309Kb / 10P
   75A, 100V, 0.015 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
FDD24AN06LA0 FAIRCHILD-FDD24AN06LA0 Datasheet
226Kb / 11P
   N CHANNEL LOGIC LEVEL POWER TRENCH MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76633P3 FAIRCHILD-HUF76633P3_12 Datasheet
375Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com