Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6030L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD6030L
Description  30V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6030L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD6030L Datasheet HTML 1Page - Fairchild Semiconductor FDD6030L Datasheet HTML 2Page - Fairchild Semiconductor FDD6030L Datasheet HTML 3Page - Fairchild Semiconductor FDD6030L Datasheet HTML 4Page - Fairchild Semiconductor FDD6030L Datasheet HTML 5Page - Fairchild Semiconductor FDD6030L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDD6030L Rev E
D
R
P
DS(ON)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.7
A
VSD
Drain–Source Diode Forward Voltage
VGS = 0 V,
IS = 2.7 A
(Note 2)
0.76
1.2
V
trr
Diode Reverse Recovery Time
24
nS
Qrr
Diode Reverse Recovery Charge
IF = 12 A,
diF/dt = 100 A/µs
13
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 45°C/W when mounted on a
1in
2 pad of 2 oz copper
b) RθJA = 96°C/W when mounted
on a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. Maximum current is calculated as:
where PD is maximum power dissipation at TC = 25°C and RDS(on) is at TJ(max) and VGS = 10V. Package current limitation is 21A


Similar Part No. - FDD6030L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6030L FAIRCHILD-FDD6030L Datasheet
169Kb / 6P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
FDD6030L ISC-FDD6030L Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6030L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com