Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89C739 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P89C739
Description  8-bit Flash microcontrollers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C739 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P89C739 Datasheet HTML 7Page - NXP Semiconductors P89C739 Datasheet HTML 8Page - NXP Semiconductors P89C739 Datasheet HTML 9Page - NXP Semiconductors P89C739 Datasheet HTML 10Page - NXP Semiconductors P89C739 Datasheet HTML 11Page - NXP Semiconductors P89C739 Datasheet HTML 12Page - NXP Semiconductors P89C739 Datasheet HTML 13Page - NXP Semiconductors P89C739 Datasheet HTML 14Page - NXP Semiconductors P89C739 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 1
Pin description for DIP40; QFP44; PLC44; QFP64 and PLCC68.
SYMBOL
PIN(1)
DESCRIPTION
PLCC68
QFP64
PLCC44
QFP44
DIP40
P1.0/T2
19
11
16
2
1
Port 1: P1.0 to P1.7; 8-bit quasi-bidirectional I/O port. Port 1 can
sink/source one TTL (= 4 LSTTL) input. It can drive CMOS inputs
without external pull-ups.
Port 1 alternative functions are: T2; Timer/event counter 2 external
event counter input (falling edge triggered). T2EX; Timer/event
counter 2 capture/reload trigger or external interrupt 2 input (falling
edge triggered).
P1.1/T2EX
21
13
15
3
2
P1.2
22
14
14
4
3
P1.3
23
15
13
5
4
P1.4
25
17
12
6
5
P1.5
27
19
1
7
6
P1.6
28
20
2
8
7
P1.7
29
21
3
9
8
RST
30
22
4
10
9
Reset; a HIGH level on this pin for two machine cycles while the
oscillator is running, resets the device. An internal pull-down resistor
permits power-on reset using only a capacitor connected to VDD.
After a Watchdog Timer overflow this pin is pulled HIGH while the
internal reset signal is active.
P3.0/RXD/data
34
26
5
11
10
Port 3: P3.0 to P3.7; 8-bit quasi-bidirectional I/O Port with internal
pull-ups. Port 3 can sink/source one TTL (= 4 LSTTL) input. It can
drive CMOS inputs without external pull-ups.
Port 3 alternative functions are: RXD/data; Serial Port data input
(asynchronous) or data input/output (synchronous).
TXD/clock; Serial Port data output (asynchronous) or clock output
(synchronous). INT0; External interrupt 0 or gate control input for
Timer/event counter 0. INT1; External interrupt 1 or gate control
input for Timer/event counter 1. T0; external input for Timer/event
counter 0. T1; external input for Timer/event counter 1.
WR; external data memory write strobe. RD; external data memory
read strobe.
P3.1/TXD/clock 39
29
7
13
11
P3.2/INT0
40
30
8
14
12
P3.3/INT1
41
31
9
15
13
P3.4/T0
42
32
10
16
14
P3.5/T1
43
33
11
17
15
P3.6WR
45
35
44
18
16
P3.7/RD
47
37
43
19
17
XTAL2
48
38
42
20
18
Crystal input 2: output of the inverting amplifier that forms the
oscillator. This pin left open-circuit when an external oscillator clock
is used (see Figs 18 and 20).
XTAL1
49
39
41
21
19
Crystal input 1: input to the inverting amplifier that forms the
oscillator, and input to the internal clock generator. Receives the
external oscillator clock signal when an external oscillator is used
(see Figs 18 and 20).
VSS
51
41
40
22
20
Ground: circuit ground potential.


Similar Part No. - P89C739

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89C51BA PHILIPS-P89C51BA Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BBD PHILIPS-P89C51BBD Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BN PHILIPS-P89C51BN Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51BP PHILIPS-P89C51BP Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
P89C51RA2BA/01 PHILIPS-P89C51RA2BA/01 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
More results

Similar Description - P89C739

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
   8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
   8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
   8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
   8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC12F508 MICROCHIP-PIC12F508_1 Datasheet
682Kb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
05/28/04
PIC12F508T-I MICROCHIP-PIC12F508T-I Datasheet
1Mb / 106P
   8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
   8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com