Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HXC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part No. HXC
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

HXC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  HXC Datasheet HTML 1Page - RUBYCON CORPORATION HXC Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
0.80
200WV
1.00
1.20
1.30
1.50
0.80
400∼450WV
1.00
1.20
1.25
1.40
200
3
400 ∼ 450
8
(120Hz)
0.15
200 ∼ 400
0.20
450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC
SERIES
HXC
Characteristics
Leakage Current
Dissipation Factor
Capacitance Change
Within
20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
Load Life
: 105°C 2000 hours.
Higher ripple current endurance than MXC series.
RoHS compliance.
After applying rated voltage with rated ripple current for 2000hrs at 105°C, the capacitors shall meet the following requirements.
HXC
Series
SN
Terminal Code
OOE
Option
Rated Voltage
Rated Capacitance
Capacitance Tolerance
Blank
OOE
Code
without plate
with plate
Frequency coefficient
(mm)
MOUNTING HOLES
10
NEGATIVE
SLEEVE
VENT
SN[4(3.5)mm] terminal type
NEW
105OC Higher Ripple, Snap-in Terminal Type
SPECIFICATIONS
PART NUMBER
Option
MULTIPLIER FOR RIPPLE CURRENT
DIMENSIONS
FEATURES
10k<=
2-φ 2
L
2
φ D
1
ForΩ φ 35, 3.5
0.5
4
0.5
φ D
1
10
0.1
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Endurance
Impedance Ratio(MAX)
Items
-25 ∼ +105°C
200 ∼ 450V.DC
20% (20°C, 120Hz)
I
=3 CV
(After 5 minutes application of rated voltage)
(20°C, 120Hz)
Rated Voltage
(V)
Rated Voltage
(V)
tanδ
Z(
-25°C) /Z(20°C)
I
=Leakage Current ( µA)
V= Rated Voltage (V)
C= Rated Capacitance ( µ F)
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
D × L
Case Size
Dissipation Factor(MAX)
(tanδ)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SMH LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  List of Unclassifed Manufacturers
SMQ LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS 1  2  3  List of Unclassifed Manufacturers
EETUQ1C123HJ Aluminum Electrolytic Capacitors/ UQ Snap-in Type 1  2  3  4  5  More Panasonic Semiconductor
CDF ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH 1  RUBYCON CORPORATION
FKX ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH 1  RUBYCON CORPORATION
HD1.0M25 HIGH-FREQ ALUMINUM ELECTROLYTIC 1  NTE Electronics
PS2521-1 LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES 1  2  3  4  5  More California Eastern Labs
NEV47M50 ALUMINUM ELECTROLYTIC 6.3V to 100V 1  2  3  NTE Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn