Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6210A332D Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6210A332D
Description  High Current, High Speed LDO regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6210A332D Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6210A332D Datasheet HTML 3Page - Torex Semiconductor XC6210A332D Datasheet HTML 4Page - Torex Semiconductor XC6210A332D Datasheet HTML 5Page - Torex Semiconductor XC6210A332D Datasheet HTML 6Page - Torex Semiconductor XC6210A332D Datasheet HTML 7Page - Torex Semiconductor XC6210A332D Datasheet HTML 8Page - Torex Semiconductor XC6210A332D Datasheet HTML 9Page - Torex Semiconductor XC6210A332D Datasheet HTML 10Page - Torex Semiconductor XC6210A332D Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
XC6210
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
VIN=VOUT(T)+1.0V, IOUT=30mA
VCE=ON (VIN or VSS)
x 0.98
VOUT(T)
x 1.02
Output Voltage (*2), (*3)
VOUT(E)
VOUT(T)<1.5V, IOUT=30mA
VCE=ON (VIN or VSS)
(-30mV)
VOUT(T) (+30mV)
V
Maximum Output Current
[VOUT(E)>1.6V]
IOUTMAX
VIN=VOUT(T)+1.0V,
VCE=ON (VIN or VSS)
700
-
-
Maximum Output
Current [VOUT(E)<1.5V]
IOUTMAX
VIN=VOUT(T)+1.0V,
VCE=ON (VIN or VSS)
500
-
-
mA
Load Regulation
VOUT
1mA<IOUT<100mA, VCE=ON(VIN or VSS)
-
15
60
mV
Vdif1
IROUT=30mA, VCE=ON (VIN or VSS)E-1
Dropout Voltage (*4)
Vdif2
IROUT=100mA, VCE=ON (VIN or VSS)
E-2
mV
Supply Current (A type)
VIN=VCE=VOUT(T)+1.0V
E-3
Supply Current (B type)
VIN=VCE=VOUT(T)+1.0V
-
35
55
Supply Current (C type)
VIN=VOUT(T)+1.0V, VCE=VSS
E-3
Supply Current (D type)
IDD
VIN=VOUT(T)+1.0V, VCE=VSS
-
35
55
μ
A
Line Regulation
VOUT
Topr
VOUT
VOUT(T)+1.0V≦VIN≦6.0V
When VOUT(T)≧4.5V, 5.5V≦VIN≦6.0V
VCE=ON (VIN or VSS), IOUT=30mA
-
0.01
0.20
% / V
Input Voltage
VIN
-
1.5
-
6.0
V
-
Output Voltage
Temperature Characteristics
VOUT
Topr・△VOUT
IOUT=30mA, VCE=ON (VIN or VSS)
-40℃≦Topr≦85℃
-
±
100
-
ppm/
Ripple Rejection Rate
PSRR
VIN=[VOUT(T)+1.0]VDC+0.5Vp-pAC
When VOUT(T)>4.75V
VIN=5.75VDC+0.5Vp-pAC
VCE=ON (VIN or VSS), IOUT=30mA,
f=1kHz
-
60
-
dB
Current Limiter
[VOUT(E)>1.6V]
Ilim
VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS)
700
800
-
Current Limiter
[VOUT(E)<1.5V]
Ilim
VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS)
-
800
-
mA
Short-Circuit Current
Ishort
VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS)
-
50
-
mA
CE “High” Level Voltage
VCEH
-
1.3
-
6.0
CE “Low” Level Voltage
VCEL
-
-
-
0.25
V
CE “High” Level
Current (A type)
E-4
-
E-4
CE “High” Level
Current (B / C / D type)
ICEH
VIN=VCE=VOUT(T)+1.0V
- 0.10
-
0.10
μ
A
CE “Low” Level Current
(C type)
E-5
-
E-5
CE “Low” Level Current
(A / B / D type)
ICEL
VIN=VOUT(T)+1.0V, VCE=VSS
- 0.10
-
0.10
μ
A
Ta=25℃
ELECTRICAL CHARACTERISTICS
XC6210 series
NOTE:
*1: Unless otherwise stated, VIN=VOUT(T)+1.0V
*2: VOUT(T)=Specified output voltage
*3: VOUT(E)=Effective output voltage
(i.e. the output voltage when " VOUT(T)+1.0V" is provided while maintaining a certain IOUT value).
*4: Vdif ={VIN1
(*6)-VOUT1(*5) }
*5: A voltage equal to 98% of the output voltage whenever a stabilized VOUT1=IOUT{VOUT(T)+1.0V} is input.
*6: VIN1= the input voltage when VOUT1, which appears as input voltage is gradually decreased.
*7: VOUT(T)<1.50V
MIN. : VOUT(T) - 30mV, MAX. : VOUT(T) +30mV
*8: CE conditions:
XC6210A / B type: ON=VIN, OFF=VSS
XC6210C / D type: ON=VSS, OFF=VIN


Similar Part No. - XC6210A332D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210A302DL TOREX-XC6210A302DL Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210A302DR TOREX-XC6210A302DR Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210A302ML TOREX-XC6210A302ML Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210A302MR TOREX-XC6210A302MR Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210A302PL TOREX-XC6210A302PL Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
More results

Similar Description - XC6210A332D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com