Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6210A312D Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6210A312D
Description  High Current, High Speed LDO regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6210A312D Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6210A312D Datasheet HTML 1Page - Torex Semiconductor XC6210A312D Datasheet HTML 2Page - Torex Semiconductor XC6210A312D Datasheet HTML 3Page - Torex Semiconductor XC6210A312D Datasheet HTML 4Page - Torex Semiconductor XC6210A312D Datasheet HTML 5Page - Torex Semiconductor XC6210A312D Datasheet HTML 6Page - Torex Semiconductor XC6210A312D Datasheet HTML 7Page - Torex Semiconductor XC6210A312D Datasheet HTML 8Page - Torex Semiconductor XC6210A312D Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
XC6210 Series
MARK
PRODUCT SERIES
0
XC6210xxxxxx
MARK
VOLTAGE=
0.1~3.0V
VOLTAGE=
3.1~6.0V
VOLTAGE=
0.15~3.05V
VOLTAGE=
3.15~6.05V
PRODUCT SERIES
V
A
E
L
XC6210Axxxxx
X
B
F
M
XC6210Bxxxxx
Y
C
H
N
XC6210Cxxxxx
Z
D
K
P
XC6210Dxxxxx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
-
3.1
-
3.15
F
1.6
4.6
1.65
4.65
1
-
3.2
-
3.25
H
1.7
4.7
1.75
4.75
2
-
3.3
-
3.35
K
1.8
4.8
1.85
4.85
3
-
3.4
-
3.45
L
1.9
4.9
1.95
4.95
4
-
3.5
-
3.55
M
2.0
5.0
2.05
-
5
-
3.6
-
3.65
N
2.1
-
2.15
-
6
-
3.7
-
3.75
P
2.2
-
2.25
-
7
0.8
3.8
-
3.85
R
2.3
-
2.35
-
8
0.9
3.9
0.85
3.95
S
2.4
-
2.45
-
9
1.0
4.0
0.95
4.05
T
2.5
-
2.55
-
A
1.1
4.1
1.15
4.15
U
2.6
-
2.65
-
B
1.2
4.2
1.25
4.25
V
2.7
-
2.75
-
C
1.3
4.3
1.35
4.35
X
2.8
-
2.85
-
D
1.4
4.4
1.45
4.45
Y
2.9
-
2.95
-
E
1.5
4.5
1.55
4.55
Z
3.0
-
3.05
-
MARKING RULE
Represents product series
Represents CE function
Represents output voltage
Represents production lot number
0 to 9, A to Z reverse character 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
SOT-25
SOT-89-5
SOT-89-5
(TOP VIEW)


Similar Part No. - XC6210A312D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210A302DL TOREX-XC6210A302DL Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210A302DR TOREX-XC6210A302DR Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210A302ML TOREX-XC6210A302ML Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210A302MR TOREX-XC6210A302MR Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210A302PL TOREX-XC6210A302PL Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
More results

Similar Description - XC6210A312D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com