Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2164A51H Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2164A51H
Description  CMOS Low Power Consumption
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164A51H Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2164A51H Datasheet HTML 1Page - Torex Semiconductor XC2164A51H Datasheet HTML 2Page - Torex Semiconductor XC2164A51H Datasheet HTML 3Page - Torex Semiconductor XC2164A51H Datasheet HTML 4Page - Torex Semiconductor XC2164A51H Datasheet HTML 5Page - Torex Semiconductor XC2164A51H Datasheet HTML 6Page - Torex Semiconductor XC2164A51H Datasheet HTML 7Page - Torex Semiconductor XC2164A51H Datasheet HTML 8Page - Torex Semiconductor XC2164A51H Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1683
XC2164 ETR1404_001.doc
PIN NUMBER
PIN NAME
FUNCTION
1
Q0
Clock Output
2
VSS
Ground
3
/XT
Crystal Oscillator
Connection (Output)
4
XT
Crystal Oscillator
Connection (Input)
5
VDD
Power Supply
6
/INH
Stand-by Control*
/INH
Q0
“H” or OPEN
Clock Output
“L”
High impedance
CMOS Low Power Consumption
Oscillation Frequency : 4MHz~ 125MHz
: 4MHz ~ 30MHz
(Fundamental Oscillation)
: 20MHz ~ 125MHz
(3rd Overtone Oscillation)
3-State Output
Built-in Capacitors Cg, Cd
Built-in Feedback Resistor
Chip form
Mini Mold SOT-26 Package
GENERAL DESCRIPTION
The XC2164 series are high frequency, low current
consumption CMOS ICs with built-in crystal oscillator and
divider circuits.
For fundamental oscillation, output is selectable from any one
of the following values for f0: f0/1, f0/2, f0/4, f0/8.
With oscillation capacitors and a feedback resistor built-in, it is
possible to configure a stable fundamental oscillator or 3rd
overtone oscillator using only an external crystal. Also the
series has stand-by function built-in and the type, which
suspends the oscillation completely (C/E type) or the type
suspends only an output (O/E type) are available. The
XC2164 series are integrated into SOT-26 packages. The
series is also available in chip form.
APPLICATIONS
Crystal oscillation modules
Micro computer, DSP clocks
Communication equipment
Various system clocks
FEATURES
Oscillation Frequency
Divider Ratio
Output
Operating Voltage Range
Low Power Consumption
Chip Form
Ultra Small Package
PIN ASSIGNMENT
: 4MHz ~ 30MHz (Fundamental)
20MHz ~ 125MHz(3rd Overtone)
: Selectable from f0/1, f0/2, f0/4, f0/8
(f0/2, f0/4, f0/8 are fundamental only)
:3-State
:3.3V±10%, 5.0V±10%
:Stand -by function included
Selectable from C/E type and
O/E type
:Chip Size 1.3×0.8 mm
:SOT-26 mini mold
PIN CONFIGURATION
*Stand-by control pin has a pull-up resistor built-in.
unit [μm]
/INH, Q0 PIN FUNCTION


Similar Part No. - XC2164A51H

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164A51H TOREX-XC2164A51H Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2164A51HCF TOREX-XC2164A51HCF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51HCL TOREX-XC2164A51HCL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51HCR TOREX-XC2164A51HCR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51HCT TOREX-XC2164A51HCT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164A51H

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com