Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204B Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6204B
Description  High Sprred LDO Regulators Output ON-OFF Control
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204B Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6204B Datasheet HTML 1Page - Torex Semiconductor XC6204B Datasheet HTML 2Page - Torex Semiconductor XC6204B Datasheet HTML 3Page - Torex Semiconductor XC6204B Datasheet HTML 4Page - Torex Semiconductor XC6204B Datasheet HTML 5Page - Torex Semiconductor XC6204B Datasheet HTML 6Page - Torex Semiconductor XC6204B Datasheet HTML 7Page - Torex Semiconductor XC6204B Datasheet HTML 8Page - Torex Semiconductor XC6204B Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
XC6204/6205
Series
MARK
PRODUCT SERIES
4
XC6204xxxxxx
MARK
OUTPUT VOLTAGE 100mV INCREMENTS
OUTPUT VOLTAGE 50mV INCREMENTS
VOLTAGE =0.1~3.0V
VOLTAGE =3.1~6.0V VOLTAGE =0.15~3.05V VOLTAGE =3.15~6.05V
PRODUCT SERIES
V
A
E
L
XC6204Axxxxx
X
B
F
M
XC6204Bxxxxx
Y
C
H
N
XC6204Cxxxxx
Z
D
K
P
XC6204Dxxxxx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
3.1
3.15
F
1.6
4.6
1.65
4.65
1
3.2
3.25
H
1.7
4.7
1.75
4.75
2
3.3
3.35
K
1.8
4.8
1.85
4.85
3
3.4
3.45
L
1.9
4.9
1.95
4.95
4
3.5
3.55
M
2.0
5.0
2.05
5.05
5
3.6
3.65
N
2.1
5.1
2.15
5.15
6
3.7
3.75
P
2.2
5.2
2.25
5.25
7
3.8
3.85
R
2.3
5.3
2.35
5.35
8
3.9
3.95
S
2.4
5.4
2.45
5.45
9
4.0
4.05
T
2.5
5.5
2.55
5.55
A
4.1
4.15
U
2.6
5.6
2.65
5.65
B
4.2
4.25
V
2.7
5.7
2.75
5.75
C
4.3
4.35
X
2.8
5.8
2.85
5.85
D
4.4
4.45
Y
2.9
5.9
2.95
5.95
E
4.5
4.55
Z
3.0
6.0
3.05
6.05
MARKING RULE
SOT-25, SOT-89-5
[XC6204]
Represents product series
Represents type of regulator
Represents output voltage
Represents production lot number
0~9, A to Z repeated. (G, I, J, O, Q, W excepted)
③ ④
12
3
54
52
4
12
3
SOT-25
(TOP VIEW)
SOT-89-5
(TOP VIEW)


Similar Part No. - XC6204B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204B011DL TOREX-XC6204B011DL Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B011DR TOREX-XC6204B011DR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B011ML TOREX-XC6204B011ML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B011MR TOREX-XC6204B011MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B012DL TOREX-XC6204B012DL Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
More results

Similar Description - XC6204B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC62H TOREX-XC62H_1 Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
0203_XC62G TOREX-0203_XC62G Datasheet
229Kb / 13P
   Positive Voltage Regulators (Output On/Off)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com