Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9510KXXXSX Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9510KXXXSX
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9510KXXXSX Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9510KXXXSX Datasheet HTML 1Page - Torex Semiconductor XC9510KXXXSX Datasheet HTML 2Page - Torex Semiconductor XC9510KXXXSX Datasheet HTML 3Page - Torex Semiconductor XC9510KXXXSX Datasheet HTML 4Page - Torex Semiconductor XC9510KXXXSX Datasheet HTML 5Page - Torex Semiconductor XC9510KXXXSX Datasheet HTML 6Page - Torex Semiconductor XC9510KXXXSX Datasheet HTML 7Page - Torex Semiconductor XC9510KXXXSX Datasheet HTML 8Page - Torex Semiconductor XC9510KXXXSX Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1351
XC9510 ETR1007_001.doc
Synchronous Step-Down DC/DC Converter
with Built-In LDO Regulator Plus Voltage Detector
Step-Down DC/DC Converter's Output Connected In
Series with LDO Regulator
High Efficiency, Low Noise Regulated Output
SOP-8 Package for High Current
Small-Footprint
Output Current
DC/DC:800mA, VR: 400mA
Ceramic Capacitor Compatible (Low ESR capacitors)
GENERAL DESCRIPTION
The XC9510 series consists of a step-down DC/DC converter
and a high-speed LDO regulator connected in series with the
DC/DC converter's output. A voltage detector is also built-in.
A highly efficient, low noise output is possible since the
regulator is stepped-down further from the DC/DC output.
The DC/DC converter block incorporates a P-channel driver
transistor and a synchronous N-channel switching transistor.
With an external coil, diode and two capacitors, the XC9510
can deliver output currents up to 800mA at efficiencies over
90%. The XC9510 is designed for use with small ceramic
capacitors.
A choice of three switching frequencies are
available, 300 kHz, 600 kHz, and 1.2 MHz. Output voltage
settings for the DC/DC is set-up internally in 100mV steps
within the range of 1.6V to 4.0V(±2.0%) and for the VR are
set-up internally within the range of 0.9V to 4.0V (±2.0%).
For the VD, the range is of 0.9V to 5.0V (±2.0%). The soft
start time of the series is internally set to 5ms. With the
built-in U.V.L.O. (Under Voltage Lock Out) function, the
internal P-channel driver transistor is forced OFF when input
voltage becomes 1.4 V or lower. The operational states of
the DC/DC and the regulator blocks can be changed by
inputting three kinds of voltage level via the CE/MODE pin. The
functions of the MODE pin can be selected via the external
control pin to switch the DC/DC control mode and the disable
pin to shut down the regulator block.
APPLICATIONS
CD-R / RW, DVD
HDD
PDAs, portable communication modem
Cellular phones
Palmtop computers
Cameras, video recorders
TYPICAL APPLICATION CIRCUIT
FEATURES
Input Voltage Range : 2.4V ~ 6.0V
Low ESR Capacitor : Ceramic capacitor compatible
(Low ESR Capacitors)
VD Function
: Detects output voltage from the
VDOUT pin while sensing either
VDD, DCOUT, or VROUT internally.
N-ch open drain output
<DC/DC Converter Block>
Output Voltage Range : 1.6V ~ 4.0V (Accuracy ±2%)
Output Current
: 800mA
Controls
: PWM Control,
PWM, PWM/PFM
Automatic Switching External
Oscillation Frequency : 300kHz, 600kHz, 1.2MHz
<Regulator Block>
Output Voltage Range : 0.9V ~ 4.0V (Accuracy±2%)
Current Limit
: 600mA
Dropout Voltage
: 160mV @ IOUT=200mA
(VOUT=2.8V)
High Ripple Rejection : 60dB @1kHz (VOUT=2.8V)
TYPICAL PERFORMANCE
CHARACTERISTICS


Similar Part No. - XC9510KXXXSX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9510K1333 TOREX-XC9510K1333 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510K1334 TOREX-XC9510K1334 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510K1363 TOREX-XC9510K1363 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510K1364 TOREX-XC9510K1364 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9510K13C3 TOREX-XC9510K13C3 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results

Similar Description - XC9510KXXXSX

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9509 TOREX-XC9509 Datasheet
97Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com