Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6108 Datasheet(PDF) 2 Page - Torex Semiconductor

Part No. XC6108
Description  Voltage Detector with Separated Sense Pin & Delay Type Capacitor
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6108 Datasheet(HTML) 2 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
XC6108 Series
*When delay function isn’t used, open the delay capacitance pin before use.
PIN NUMBER
USP- 4
SOT-25
PIN NAME
FUNCTION
1
1
VOUT
Output (Detect ”L”)
2
5
Cd
Delay Capacitance (*1)
2
-
NC
No Connection
3
4
VSEN
Sense
4
3
VIN
Input
5
2
VSS
Ground (*2)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: CMOS output
Output Configuration
N
: N-ch open drain output
② ③
Detect Voltage
08 ~ 50
: e.g. 18→1.8V
A
: Built-in delay capacitance pin, hysteresis 5% (TYP.)(Standard*)
B
: Built-in delay capacitance pin, hysteresis less than 1%(Standard*)
C
: No built-in delay capacitance pin, hysteresis 5% (TYP.)
(Semi-custom)
Output Delay & Hysteresis
(Options)
D
: No built-in delay capacitance pin, hysteresis less than 1%
(Semi-custom)
G
: USP-4
Package
M
: SOT-25
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
XC6108 ①②③④⑤⑥
NOTE:
*1: With the VSS pin of the USP-4 package, a tab on the backside is used as the pin No.5.
*2: In the case of selecting no built-in delay capacitance pin type, the delay capacitance (Cd) pin will be
used as the N.C.
1
2
3
4
5
Cd
VOUT
VIN
VSEN
VSS
USP-4
(BOTTOM VIEW)
SOT-25
(TOP VIEW)
* In the XC6108xxxA/B series, the dissipation pad should
not be short-circuited with other pins.
* In the XC6108xxxC/D series, when the dissipation pad
is short-circuited with other pins, connect it to the NC
pin (pin No.2) before use.
Ordering Information


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn