Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC9510 Datasheet(PDF) 5 Page - Torex Semiconductor

Part No. XC9510
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC9510 Datasheet(HTML) 5 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1355
XC9510
Series
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Pin Voltage
VDD
- 0.3 ~ 6.5
V
DCOUT Pin Voltage
DCOUT
- 0.3 ~ VDD + 0.3
V
VROUT Pin Voltage
VROUT
- 0.3 ~ VDD + 0.3
V
VROUT Pin Current
IROUT
800
mA
VDOUT Pin Voltage
VDOUT
- 0.3 ~ VDD + 0.3
V
VDOUT Pin Current
IVD
50
mA
Lx Pin Voltage
Lx
- 0.3 ~ VDD + 0.3
V
Lx Pin Current
ILx
±
1300
mA
CE/MODE Pin Voltage
CE/MODE
- 0.3 ~ VDD + 0.3
V
Power Dissipation
SOP-8
Pd
650*
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
(*) When PC board mounted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn