Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC9510 Datasheet(PDF) 4 Page - Torex Semiconductor

Part No. XC9510
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC9510 Datasheet(HTML) 4 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1354
XC9510 Series
MARK
DC/DC
VR
VD
1
3
3.3V
1.8V
4.0V
XC9510*13*S*
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
3
300kHz
XC9510***3A*
6
600kHz
XC9510***6A*
C
1.2MHz
XC9510***CA*
MARK
PRODUCTION YEAR
3
2003
4
2004
BLOCK DIAGRAM
⑧⑨
Represents production lot number
0 to 9,A to Z reverse character 0 to 9, A to Z repeated (G,I,J,O,Q,W excepted)
Note: No character inversion used
* Diodes shown in the above circuit are protective diodes.
④⑤
Represents detect voltage DC/DC,VR and VD
ex)
Represents last digit of production year.
ex)
Represents oscillation frequency.
MARKING RULE (Continued)
PRODUCT SERIES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn