Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC9510 Datasheet(PDF) 2 Page - Torex Semiconductor

Part No. XC9510
Description  Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC9510 Datasheet(HTML) 2 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1352
XC9510 Series
PIN CONFIGURATION
SOP-8 (TOP VIEW)
PIN ASSIGNMENT
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Control Methods And
The VD Sense Pin
As chart below : -
②③
Setting Voltage &
Specifications
Internal
standard
: Setting voltage and specifications of each DC/DC, VR,
and VD Based on the internal standard)
3
: 300kHz
6
: 600kHz
DC/DC Oscillation
Frequency
C
: 1.2MHz
Package
S
: SOP-8
R
: Embossed Tape, standard feed
Device Orientation
L
: Embossed Tape, reverse feed
SERIES
TYPE
DC/DC
CONTROL
METHODS
CE=”VCEH” LEVEL
CE=”VCEM”
LEVEL
CE=”VCEL”
LEVEL
VD SENSE
PIN
A
VDD
B
DCOUT
C
-
-
DC/DC: OFF
VR: OFF
VD: ON
VROUT
D
VDD
E
DCOUT
F
PWM Control
DC/DC: ON
VR: OFF
VD: ON
DC/DC: ON
VR: ON
VD: ON
DC/DC: OFF
VR: OFF
VD: ON
VROUT
H
VDD
K
DCOUT
XC9510
L
PWM,
PFM/PWM
Manual Switch
PFM / PWM
Automatic Switch
PWM Control
DC/DC: OFF
VR: OFF
VD: ON
VROUT
PIN NUMBER
PIN NAME
FUNCTION
1
PGND
Power Ground
2
CE/MODE
Chip Enable / MODE Switch
3
VDD
Power Supply
4
VDOUT
VD Output
5
AGND
Analog Ground
6
VROUT
VR Output
7
DCOUT
DC/DC Output
8
LX
Switch
PRODUCT CLASSIFICATION
Ordering Information
XC9510①②③④⑤⑥
The input for the voltage regulator block comes from the DC/DC.
Control Methods, CE/MODE Pin, VDSENSE Pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn