Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC9508 Datasheet(PDF) 5 Page - Torex Semiconductor

Part No. XC9508
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC9508 Datasheet(HTML) 5 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
Data Sheet
ud200541
XC9508
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Current 1
IDD1
VIN=CE=DCOUT=5.0V
-
250
310
μ
A
1
Supply Current 2
IDD2
VIN=CE=5.0V, DCOUT=0V
-
300
360
μ
A
1
Stand-by Current (*1)
ISTB
VIN=6.5V, CE=0V
-
0.5
2.5
μ
A
1
Input Voltage Range
VIN
2.4
-
6.0
V
-
CE ‘H’ Level Voltage
VCEH
0.6
-
VDD
V
3
CE ‘L’ Level Voltage
VCEL
VSS
-
0.25
V
3
CE ‘H’ Level Current
ICEH
- 0.1
-
0.1
μ
A
1
CE ‘L’ Level Current
ICEL
- 0.1
-
0.1
μ
A
1
MODE 'H' Level Voltage*XC9508A
VMH
0.6
-
VDD
V
2
MODE 'H' Level Voltage*XC9508C
VMH
0.6
-
VDD
V
3
MODE 'L' Level Voltage*XC9508A
VML
VSS
-
0.25
V
2
MODE 'L' Level Voltage*XC9508C
VML
VSS
-
0.25
V
3
MODE 'H' Level Current
IMH
- 0.1
-
0.1
μ
A
1
MODE 'L' Level Current
IML
- 0.1
-
0.1
μ
A
1
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Current 1 *XC9508A
IDD_DC1
VIN=CE=DCOUT=5.0V
-
200
280
μ
A
1
Supply Current 2 *XC9508A
IDD_DC2
VIN=CE=5.0V, DCOUT=0V
250
330
μ
A
1
PFM Supply Current 1 * 9508C
IDD_PFM1
VIN=CE=DCOUT=5.0V
250
310
μ
A
1
PFM Supply Current 2 * 9508C
IDD_PFM2
VIN=CE=5.0V, DCOUT=0V
300
360
μ
A
1
Output Voltage
DCOUT(E)
Connected to the external components,
IDOUT=30mA
2.156
2.200
2.244
V
3
Oscillation Frequency
FOSC
Connected to the external components,
IDOUT=10mA
1.02
1.20
1.38
MHz
3
Maximum Duty Ratio
MAXDUTY
DCOUT=0V
100
-
-
%
4
Minimum Duty Ratio
MINDUTY
DCOUT=VIN
-
-
0
%
4
PFM Duty Ratio
PFMDUTY
Connected to the external components,
No load
21
30
38
%
3
U.V.L.O. Voltage (*2)
VUVLO
Connected to the external components
1.00
1.40
1.78
V
3
LX SW ‘High’ ON Resistance (*3)
RLXH
DCOUT=0V, LX=VIN-0.05V
-
0.5
0.9
Ω
5
LX SW ‘Low’ ON Resistance
RLXL
Connected to the external components,
VIN=5.0V
-
0.5
0.9
Ω
3
LX SW ‘High’ Leak Current (*12)
IleakH
VIN=LX=6.0V, CE=0V
-
0.05
1.00
μ
A
11
LX SW ‘Low’ Leak Current (*12)
IleakL
VIN=6.0V, LX=CE=0V
-
0.05
1.00
μ
A
11
Maximum Output Current
Imax1
Connected to the external components
600
-
-
mA
3
Current Limit (*9)
Ilim1
1.0
1.1
-
A
6
Efficiency (*4)
EFFI
Connected to the external components,
IDOUT=100mA
-
90
-
%
3
Output Voltage
IDOUT=30mA
Temperature Characteristics
DCOUT
( Topr・DCOUT)
-40℃≦Topr≦85℃
-
±
100
-
ppm/
3
Soft-Start Time
TSS
Connected to the external components,
CE=0V VIN, IDOUT=1mA
2
5
10
mS
3
Latch Time (*5, 10)
Tlat
Connected to the external components,
VIN=CE=5.0V, Short DCOUT by 1Ω resistor
-
8
25
mS
10
ELECTRICAL CHARACTERISTICS
XC9508xxxCAx
Common Characteristics
Topr=25℃
DC/DC Converter (2.2V product)
Topr=25℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn