Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC9508 Datasheet(PDF) 3 Page - Torex Semiconductor

Part No. XC9508
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC9508 Datasheet(HTML) 3 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
Data Sheet
ud200541
XC9508
Series
MARK
PRODUCT SERIES
7
XC9508xxxxxx
MARK
DC/DC CONTROL
MODE PIN (H level)
MODE PIN (L level) PRODUCT SERIES
A
PWM Control
VR:OFF
VR:ON
XC9508Axxxxx
C
PWM, PFM/PWM Manual Switching PFM/PWM Auto Switching
PWM Control
XC9508Cxxxxx
S
Custom
XC9508Cxxxxx
MARK
DC/DC
VR
VD
PRODUCT SERIES
1
5
2.0V
1.5V
1.9V
XC9508x15xxx
MARK
OSCILLATION FREQUENCY
PRODUCT SERIES
3
300kHz
XC9508xxx3xx
6
600kHz
XC9508xxx6xx
C
1.2MHz
XC9508xxxCxx
MARKING RULE
MSOP-10, USP-10
Represents product series
Represents DC/DC control methods and MODE pin
Represents production lot number
0 to 9, A to Z reverse character 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used.
PACKAGING INFORMATION
MSOP-10
USP-10
* Soldering fillet surface is not
formed because the sides of
the pins are not plated.
③④
Represents detect voltage DC/DC,VR and VD.
ex)
Represents oscillation frequency
USP-10
(TOP VIEW)
MSOP-10
(TOP VIEW)
0.15+0.08
3.00+0.10
0~6O
0.20
+0.1
-0.05
(0.5)
1
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn