Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2541STRPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2541STRPBF
Description  LED BUCK REGULATOR CONTROL IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2541STRPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2541STRPBF Datasheet HTML 4Page - International Rectifier IRS2541STRPBF Datasheet HTML 5Page - International Rectifier IRS2541STRPBF Datasheet HTML 6Page - International Rectifier IRS2541STRPBF Datasheet HTML 7Page - International Rectifier IRS2541STRPBF Datasheet HTML 8Page - International Rectifier IRS2541STRPBF Datasheet HTML 9Page - International Rectifier IRS2541STRPBF Datasheet HTML 10Page - International Rectifier IRS2541STRPBF Datasheet HTML 11Page - International Rectifier IRS2541STRPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IRS254(0,1)(S)PbF
www.irf.com
Page 8
Watchdog Timer
During an open circuit condition, without the
watchdog timer, the HO output would remain high at
all times and the charge stored in the bootstrap
capacitor CBOOT would gradually discharge the
floating power supply for the high-side driver, which
would then be unable to fully switch on the upper
MOSFET causing high losses.
To maintain
sufficient charge on the bootstrap capacitor, a
watchdog timer has been implemented.
In the
condition where VIFB remains below VIFBTH, the HO
output will be forced low after 20 µs and the LO
output forced high. This toggling of the outputs will
last for approximately 1 µs to maintain and replenish
sufficient charge on CBOOT.
Fig.4 Illustration of Watchdog Timer
Bootstrap Capacitor and Diode
The bootstrap capacitor value needs to be chosen
so that it maintains sufficient charge for at least the
approximately 20 µs interval until the watchdog timer
allows the capacitor to recharge. If the capacitor
value is too small, the charge will dissipate in less
than 20 µs.
The typical bootstrap capacitor is
approximately 100 nF.
The bootstrap diode should be a fast recovery or
ultrafast recovery component to maintain good
efficiency. Since the cathode of the bootstrap diode
will be switching between zero and to the high
voltage bus, the reverse recovery time of this diode
is of critical importance. For additional information
concerning the bootstrap components, refer to the
Design Tip (DT 98-2), “Bootstrap Component
Selection For Control ICs”
at www.irf.com under
Design Support
Disable (ENN) Pin
The disable pin can be used for dimming and open-
circuit protection. When the ENN pin is held low, the
chip remains in a fully functional state with no
alterations to the operating environment. To disable
the control feedback and regulation, a voltage
greater than VENTH (approximately 2.5 V) needs to be
applied to the ENN pin. With the chip in a disabled
state, HO output will remain low, whereas the LO
output will remain high to prevent VS from floating, in
addition to maintaining charge on the bootstrap
capacitor.
The
threshold for disabling the
IRS254(0,1) has been set to 2.5 V to enhance
immunity to any externally generated noise, or
application ground noise. This 2.5 V threshold also
makes it ideal to receive a drive signal from a local
microcontroller.
Dimming Mode
To achieve dimming, a signal with constant
frequency and set duty cycle can be fed into the
ENN pin.
There is a direct linear relationship
between the average load current and duty cycle. If
the ratio is 50%, 50% of the maximum set light
output will be realized. Likewise if the ratio is 30%,
70% of the maximum set light output will be realized.
A sufficiently high frequency of the dimming signal
must be chosen to avoid flashing or “strobe light”
effect. A signal on the order of a few kHz should be
sufficient.
The minimum amount of dimming achievable (light
output approaches 0%) will be determined by the
“on” time of the HO output, when in a fully functional
regulating state. To maintain reliable dimming, it is
recommended to keep the “off” time of the enable
signal at least 10 times that of the HO “on” time. For
example, if the application is running at 75 kHz with
an input voltage of 100 V and an output voltage of
20 V, the HO “on” time will be 3.3 µs (one-fourth of
the period – see calculations below) according to
standard buck topology theory.
This will set the
minimum “off” time of the enable signal to 33 µs.
s
kHz
HO
V
V
V
V
Cycle
Duty
on
in
out
µ
3
.
3
75
1
*
%
20
%
20
100
*
100
20
100
time
=
=
=
=
=
HO
LO


Similar Part No. - IRS2541STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25411 IRF-IRS25411 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25411PBF IRF-IRS25411PBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25411S IRF-IRS25411S Datasheet
501Kb / 2P
   High-Voltage Buck Control ICs for Constant LED Current Regulation
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
   Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
logo
International Rectifier
IRS25411SPBF IRF-IRS25411SPBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
More results

Similar Description - IRS2541STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com