Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2540SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2540SPBF
Description  LED BUCK REGULATOR CONTROL IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2540SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2540SPBF Datasheet HTML 5Page - International Rectifier IRS2540SPBF Datasheet HTML 6Page - International Rectifier IRS2540SPBF Datasheet HTML 7Page - International Rectifier IRS2540SPBF Datasheet HTML 8Page - International Rectifier IRS2540SPBF Datasheet HTML 9Page - International Rectifier IRS2540SPBF Datasheet HTML 10Page - International Rectifier IRS2540SPBF Datasheet HTML 11Page - International Rectifier IRS2540SPBF Datasheet HTML 12Page - International Rectifier IRS2540SPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IRS254(0,1)(S)PbF
www.irf.com
Page 9
Enable Duty Cycle Relationship to Light Output
0
10
20
30
40
50
60
70
80
90
100
0
1020304050
60708090
100
Percentage of Light Output
Fig.5 Light Output vs Enable Pin Duty Cycle
Fig.6 IRS254(0,1) Dimming Signals
Open Circuit Protection Mode
By using the suggested
voltage
divider,
capacitor,
and
zener
diode,
the
output
voltage can be clamped
at any desired value. In
open-circuit
condition
without output clamp,
the
positive
output
terminal will float at the
high-side
input
voltage.
Switching
will
still
occur
between the HO and LO
outputs, whether due to the
output voltage clamp or the watchdog timer.
Transients and switching will be observed at the
positive output terminal as seen in Fig. 8.
The
difference in signal shape, between the output
voltage and the IFB, is due to the capacitor used to
form the voltage clamp. The repetition of the spikes
can be reduced by simply increasing the capacitor
size.
The two resistors form a voltage divider for the
output, which is then fed into the cathode of the
zener diode. The diode will only conduct, flooding
the enable pin, when its nominal voltage is
exceeded. The chip will enter a disabled state once
the divider network produces a voltage at least 2.5 V
greater than the zener rating. The capacitor serves
only to filter and slow the transients/switching at the
positive output terminal.
The clamped output
voltage can be determined by the following analysis.
The choice of capacitor is at the designer’s
discretion.
(
)(
)
Voltage
Rated
Nominal
Diode
Zener
5
.
2
2
2
1
=
+
+
=
DZ
R
R
R
DZ
V
V
out
Fig.8 Open Circuit Fault Signals, with Clamp
Under-voltage Lock-out Mode
The under-voltage lock-out mode (UVLO) is defined
as the state IRS254(0,1) is in when VCC is below the
turn-on threshold of the IC.
During startup
conditions, if the IC supply remains below VCCUV+, the
IRS254(0,1) will enter the UVLO mode. This state is
very similar to when the IC has been disabled via
control signals, except that LO is also held low.
When the supply is increased to VCCUV+, the IC enters
the normal operation mode. If already in normal
Fig.7 Open Circuit
Protection Scheme
3
4
EN
IFB
Vout
R1
R2
HO
LO
EN


Similar Part No. - IRS2540SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2540 IRF-IRS2540 Datasheet
824Kb / 28P
   IRPLLED1 High Voltage LED Driver using the IRS2540
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401PBF IRF-IRS25401PBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401PBF IRF-IRS25401PBF Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
More results

Similar Description - IRS2540SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25401PBF IRF-IRS25401PBF_15 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
IRS25401 IRF-IRS25401 Datasheet
519Kb / 20P
   LED BUCK REGULATOR CONTROL IC
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
   SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
   SWITCHING REGULATOR CONTROL IC
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
   Low Voltage Buck PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com