Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLI3803PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRLI3803PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI3803PBF Datasheet(HTML) 8 Page - International Rectifier

  IRLI3803PBF Datasheet HTML 1Page - International Rectifier IRLI3803PBF Datasheet HTML 2Page - International Rectifier IRLI3803PBF Datasheet HTML 3Page - International Rectifier IRLI3803PBF Datasheet HTML 4Page - International Rectifier IRLI3803PBF Datasheet HTML 5Page - International Rectifier IRLI3803PBF Datasheet HTML 6Page - International Rectifier IRLI3803PBF Datasheet HTML 7Page - International Rectifier IRLI3803PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLI3803PbF
8
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 07/04
TO-220 Full-Pak Part Marking Information
WIT H AS S E MB L Y
E XAMP L E :
T H IS IS AN IR F I84 0 G
L OT CODE 3432
AS S E MB L E D ON W W 24 1999
IN T H E AS S E MB L Y L IN E "K "
PAR T N U MB E R
LOT CODE
AS S E MB L Y
IN T E R N AT ION AL
RE CT IF IE R
LOGO
34
3 2
924K
IR F I8 40 G
DAT E CODE
Y E AR 9 = 19 99
WE E K 24
LIN E K
Note: "P" in assembly line
position indicates "Lead-Free"
TO-220 Full-Pak Package Outline
Dimensions are shown in millimeters (inches)


Similar Part No. - IRLI3803PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLI3803 IRF-IRLI3803 Datasheet
103Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRLI3803PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com