Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRG4PC50KPBF Datasheet(PDF) 3 Page - International Rectifier

Part No. IRG4PC50KPBF
Description  Short Circuit Rated UltraFast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50KPBF Datasheet(HTML) 3 Page - International Rectifier

  IRG4PC50KPBF Datasheet HTML 1Page - International Rectifier IRG4PC50KPBF Datasheet HTML 2Page - International Rectifier IRG4PC50KPBF Datasheet HTML 3Page - International Rectifier IRG4PC50KPBF Datasheet HTML 4Page - International Rectifier IRG4PC50KPBF Datasheet HTML 5Page - International Rectifier IRG4PC50KPBF Datasheet HTML 6Page - International Rectifier IRG4PC50KPBF Datasheet HTML 7Page - International Rectifier IRG4PC50KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4PC50KPbF
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1000
1
10
V
, Collector-to-Emitter Voltage (V)
CE
V
= 15V
20µs PULSE WIDTH
GE
T = 25 C
J
°
T = 150 C
J
°
1
10
100
1000
5
6
7
8
9
10
11
12
V
, Gate-to-Emitter Voltage (V)
GE
V
= 50V
5µs PULSE WIDTH
CC
T = 25 C
J
°
T = 150 C
J
°
0
10
20
30
40
50
60
70
0.1
1
10
100
f, Frequency (kHz)
A
60% of rated
voltage
I
Ideal diodes
Square wave:
For both:
Duty cycle: 50%
T = 125°C
T
= 90°C
Gate drive as specified
sink
J
Power Dissipation = 40W
Triangular wave:
Clamp voltage:
80% of rated


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn