Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRG4PC40KPBF Datasheet(PDF) 5 Page - International Rectifier

Part No. IRG4PC40KPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40KPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG4PC40KPBF Datasheet HTML 1Page - International Rectifier IRG4PC40KPBF Datasheet HTML 2Page - International Rectifier IRG4PC40KPBF Datasheet HTML 3Page - International Rectifier IRG4PC40KPBF Datasheet HTML 4Page - International Rectifier IRG4PC40KPBF Datasheet HTML 5Page - International Rectifier IRG4PC40KPBF Datasheet HTML 6Page - International Rectifier IRG4PC40KPBF Datasheet HTML 7Page - International Rectifier IRG4PC40KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4PC40KPbF
www.irf.com
5
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
0
20
40
60
80
100
120
140
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
V
= 400V
I
= 25A
CC
C
1
10
100
0
500
1000
1500
2000
2500
3000
V
, Collector-to-Emitter Voltage (V)
CE
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc
Cies
Coes
Cres
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
0
10
20
30
40
50
0.80
1.00
1.20
1.40
1.60
1.80
R
, Gate Resistance (Ohm)
G
V
= 480V
V
= 15V
T
= 25 C
I
= 25A
CC
GE
J
C
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.1
1
10
T , Junction Temperature ( C )
J
°
R
= 10Ohm
V
= 15V
V
= 480V
G
GE
CC
I =
A
50
C
I =
A
25
C
I =
A
12.5
C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn