Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80CE562EHA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P80CE562EHA
Description  8-bit microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CE562EHA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P80CE562EHA Datasheet HTML 6Page - NXP Semiconductors P80CE562EHA Datasheet HTML 7Page - NXP Semiconductors P80CE562EHA Datasheet HTML 8Page - NXP Semiconductors P80CE562EHA Datasheet HTML 9Page - NXP Semiconductors P80CE562EHA Datasheet HTML 10Page - NXP Semiconductors P80CE562EHA Datasheet HTML 11Page - NXP Semiconductors P80CE562EHA Datasheet HTML 12Page - NXP Semiconductors P80CE562EHA Datasheet HTML 13Page - NXP Semiconductors P80CE562EHA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
1997 Apr 08
10
Philips Semiconductors
Product specification
8-bit microcontroller
P83C562; P80C562
8.2
Addressing
The P8xC562 has five methods for addressing source
operands:
• Register
• Direct
• Register-Indirect
• Immediate
• Base-Register plus Index-Register-Indirect.
The first three methods can be used for addressing
destination operands. Most instructions have a
'destination/source' field that specifies the data type,
addressing methods and operands involved.
For operations other than MOVs, the destination operand
is also a source operand.
Access to memory addressing is as follows:
• Registers in one of the four 8-register banks through
Register, Direct or Register-Indirect
• 256 bytes of internal data RAM through Direct or
Register-Indirect. Bytes 0 to 127 may be addressed
directly/indirectly. Bytes 128 to 155 share their address
locations with the SFR registers and so may only be
addressed indirectly as data RAM
• Special Function Registers through Direct at address
locations 128 to 255
• External data memory through Register-Indirect
• Program memory look-up tables through Base-Register
plus Index-Register-Indirect.
The P8xC562 is classified as an 8-bit device since the
internal ROM, RAM, Special Function Registers,
Arithmetic Logic Unit and external data bus are all 8-bits
wide. It performs operations on bit, nibble, byte and
double-byte data types.
Facilities are available for byte transfer, logic and integer
arithmetic operations. Data transfer, logic and conditional
branch operations can be performed directly on Boolean
variables to provide excellent bit handling.
Fig.4 Memory map.
handbook, full pagewidth
MBC745
INDIRECT ONLY
DIRECT AND
INDIRECT
255
127
0
EXTERNAL
(EA = 0)
INTERNAL
(EA = 1)
INTERNAL DATA MEMORY
EXTERNAL
DATA MEMORY
PROGRAM MEMORY
EXTERNAL
64K
64K
8192
8191
0
OVERLAPPED SPACE
0
8191
0
SPECIAL
FUNCTION
REGISTERS


Similar Part No. - P80CE562EHA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CE562EHA NXP-P80CE562EHA Datasheet
233Kb / 52P
   8-bit microcontroller
1997 Apr 16
More results

Similar Description - P80CE562EHA

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com