Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C557E6EFB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P80C557E6EFB
Description  Single-chip 8-bit microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C557E6EFB Datasheet(HTML) 3 Page - NXP Semiconductors

  P80C557E6EFB Datasheet HTML 1Page - NXP Semiconductors P80C557E6EFB Datasheet HTML 2Page - NXP Semiconductors P80C557E6EFB Datasheet HTML 3Page - NXP Semiconductors P80C557E6EFB Datasheet HTML 4Page - NXP Semiconductors P80C557E6EFB Datasheet HTML 5Page - NXP Semiconductors P80C557E6EFB Datasheet HTML 6Page - NXP Semiconductors P80C557E6EFB Datasheet HTML 7Page - NXP Semiconductors P80C557E6EFB Datasheet HTML 8Page - NXP Semiconductors P80C557E6EFB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Philips Semiconductors
Product specification
P83C557E6/P80C557E6
Single-chip 8-bit microcontroller
1999 Mar 02
3
3.
ORDERING INFORMATION
EXTENDED TYPE NUMBER
PACKAGE
FREQUENCY
TEMPERATURE
EXTENDED TYPE NUMBER
NAME
DESCRIPTION
CODE
RANGE (MHz)
RANGE (
°C)
ROMless
P80C557E6EBB
QFP80
Plastic Quad Flat Pack; 80 leads
SOT318-1
3.5 to 16
0 to +70
P80C557E6EFB
QFP80
Plastic Quad Flat Pack; 80 leads
SOT318-1
3.5 to 16
–40 to +85
ROM coded
P83C557E6EBB/YYY1
QFP80
Plastic Quad Flat Pack; 80 leads
SOT318-1
3.5 to 16
0 to +70
P83C557E6EFB/YYY1
QFP80
Plastic Quad Flat Pack; 80 leads
SOT318-1
3.5 to 16
–40 to +85
NOTE:
1. YYY denotes the ROM code number.
CPU
ADC
8-BIT INTERNAL BUS
P0
P1
P2
P3
TxD
RxD
P5
P4
CT0I-CT3I
T2
RT2
CMSR0-CMSR5
CMT0, CMT1
RSTOUT
EW
XTAL1
XTAL2
EA
ALE
PSEN
WR
RD
T0
T1
INT0
INT1
VDD
VSS
PWM0 PWM1 AVSS
AVDD
AVREF
+
ADEXS
ADC0-7 SDA
SCL
3
3
3
3
3
3
0
2
1
1
1
4
5
0
1
2
ALTERNATE FUNCTION OF PORT0
3
4
5
AD0-7
A8-15
3
3
16
T0, T1
TWO 16-BIT
TIMER/EVENT
COUNTERS
PROGRAM
MEMORY
48 K x 8 ROM
DATA
MEMORY
256 x 8 RAM
+
1280 x 8 RAM
DUAL
PWM
I2C
SERIAL
I/O
80C51 CORE
EXCLUDING
ROM/RAM
PARALLEL I/O
PORTS AND
EXTERNAL BUS
SERIAL
UART
PORT
8-BIT
PORTS
FOUR
16-BIT
CAPTURE
LATCHES
T2
16-BIT
TIMER/
EVENT
COUNT-
ERS
T2
16-BIT
COMPARA-
TORS
WITH
REGISTERS
COMPARA-
TOR
OUTPUT
SELECTION
T3
WATCH–
DOG
TIMER
ALTERNATE FUNCTION OF PORT1
ALTERNATE FUNCTION OF PORT2
ALTERNATE FUNCTION OF PORT 3
ALTERNATE FUNCTION OF PORT 4
ALTERNATE FUNCTION OF PORT 5
Figure 1. Block diagram P8xC557E6.
6
NOT PRESENT IN P80C557E6
6
PLL
oscillator
+
”seconds”
timer
XTAL3 XTAL4
SELXTAL1
RSTIN
16


Similar Part No. - P80C557E6EFB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C557E4 PHILIPS-P80C557E4 Datasheet
374Kb / 72P
   Single-chip 8-bit microcontroller
1999 Mar 02
P80C557E4EBB PHILIPS-P80C557E4EBB Datasheet
374Kb / 72P
   Single-chip 8-bit microcontroller
1999 Mar 02
P80C557E4EFB PHILIPS-P80C557E4EFB Datasheet
374Kb / 72P
   Single-chip 8-bit microcontroller
1999 Mar 02
P80C557E8 PHILIPS-P80C557E8 Datasheet
322Kb / 84P
   8 BIT MICROCONTROLLER
1999 Mar 12
P80C557E8EFB NXP-P80C557E8EFB Datasheet
326Kb / 84P
   8-bit microcontroller
1999 Mar 12
More results

Similar Description - P80C557E6EFB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com