Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C557E6EBB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P80C557E6EBB
Description  Single-chip 8-bit microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C557E6EBB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P80C557E6EBB Datasheet HTML 3Page - NXP Semiconductors P80C557E6EBB Datasheet HTML 4Page - NXP Semiconductors P80C557E6EBB Datasheet HTML 5Page - NXP Semiconductors P80C557E6EBB Datasheet HTML 6Page - NXP Semiconductors P80C557E6EBB Datasheet HTML 7Page - NXP Semiconductors P80C557E6EBB Datasheet HTML 8Page - NXP Semiconductors P80C557E6EBB Datasheet HTML 9Page - NXP Semiconductors P80C557E6EBB Datasheet HTML 10Page - NXP Semiconductors P80C557E6EBB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Philips Semiconductors
Product specification
P83C557E6/P80C557E6
Single-chip 8-bit microcontroller
1999 Mar 02
7
SYMBOL
DESCRIPTION
PIN
P3.0 – P3.7
41 – 48
8–bit quasi–bidirectional I/O port
Port pin
Alternative function
P3.0
RXD
:
Serial input port
P3.1
TXD
:
Serial output port
P3.2
INT0
:
External interrupt
P3.3
INT1
:
External interrupt
P3.4
T0
:
Timer 0 external input
P3.5
T1
:
Timer 1 external input
P3.6
WR
:
External data memory write strobe
P3.7
RD
:
External data memory read strobe
N.C.
49 – 50
Not connected pins.
XTAL2
51
Crystal pin 2: output of the inverting amplifier that forms the oscillator. Left open–circuit when an external oscillator
clock is used.
XTAL1
52
Crystal pin 1: input to the inverting amplifier that forms the oscillator, and input to the internal clock generator.
Receives the external oscillator clock signal when an external oscillator is used. Must be connected to logic
HIGH if the PLL oscillator is selected (SELXTAL1 = LOW)
P2.0 – P2.7
55 – 62
Port2: 8–bit quasi–bidirectional I/O port with internal pull–ups.During access to external memories (RAM/ROM)
that use 16–bit addresses (MOVX@DPTR) Port 2 emits the high order address byte.
Port 2 can sink/source one TTL (=4 LSTTL) input. It can drive CMOS inputs without external pull–ups.
PSEN
63
Program Store Enable output: read strobe to the external program memory via Port 0 and 2. Is activated twice
each machine cycle during fetches from external program memory. When executing out of external program
memory two activations of PSEN are skipped during each access to external data memory. PSEN is not activated
(remains HIGH) during no fetches from external program memory. PSEN can sink/source 8 LSTTL inputs. It can
drive CMOS inputs without external pull–ups.
ALE/WE
64
Address Latch Enable output: latches the low byte of the address during access of external memory in normal
operation. It is activated every six oscillator periods except during an external data memory access. ALE/WE can
sink/–source 8 LSTTL inputs.
It can drive CMOS inputs without an external pull–up.
To prohibit the toggling of ALE pin (RFI noise reduction) the bit RFI in the PCON Register (PCON.5) must be set
by software. This bit is cleared on RESET and can be set and cleared by software. When set, ALE pin will be pulled
down internally, switching an external address latch to a quiet state. The MOVX instruction will still toggle ALE if
external memory is accessed.
ALE will retain its normal high value during Idle Mode and a low value during Power–down Mode while in the “RFI”
mode. Additionally during internal access (EA = 1) ALE will toggle normally when the address exceeds the internal
program memory size. During external access (EA = 0) ALE will always toggle normally, whether the flag “RFI”
is set or not.
EA
65
External Access Input: If, during RESET, EA is held at a TTL level HIGH the CPU executes out of the
internal program memory, provided the program counter is less than 49152. If, during RESET, EA is held at a
TTL level LOW the CPU executes out of external program memory via Port 0 and Port 2. EA is not allowed to
float. EA is latched during RESET and don’t care after RESET.
P0.7–P0.0
68 –75
Port 0: 8–bit open drain bidirectional I/O port. It is also the multiplexed low–order address and data bus during
accesses to external memory (during theses accesses internal pull–ups are activated). Port 0 can sink/source 8
LSTTL inputs.
XTAL3
78
Crystal pin, output of the inverting amplifier that forms the 32 kHz oscillator
XTAL4
79
Crystal pin, input to the inverting amplifier that forms the 32 kHz oscillator. XTAL3 and XTAL4 are pulled LOW
if the PLL oscillator is not selected (SELXTAL1 = HIGH) or if Reset is active.
SELXTAL1
80
Must be connected to logic HIGH level to select the HF oscillator, using the XTAL1/XTAL2 crystal. If pulled low the
PLL is selected for clocking of the controller, using the XTAL3/ XTAL4 crystal.
NOTE:
1. To avoid a ‘latch–up’ effect at Power–on, the voltage at any pin at any time must not be higher or lower than VDD+ 0.5 V or VSS– 0.5 V
respectively.


Similar Part No. - P80C557E6EBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C557E4 PHILIPS-P80C557E4 Datasheet
374Kb / 72P
   Single-chip 8-bit microcontroller
1999 Mar 02
P80C557E4EBB PHILIPS-P80C557E4EBB Datasheet
374Kb / 72P
   Single-chip 8-bit microcontroller
1999 Mar 02
P80C557E4EFB PHILIPS-P80C557E4EFB Datasheet
374Kb / 72P
   Single-chip 8-bit microcontroller
1999 Mar 02
P80C557E8 PHILIPS-P80C557E8 Datasheet
322Kb / 84P
   8 BIT MICROCONTROLLER
1999 Mar 12
P80C557E8EFB NXP-P80C557E8EFB Datasheet
326Kb / 84P
   8-bit microcontroller
1999 Mar 12
More results

Similar Description - P80C557E6EBB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com