Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFL110PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFL110PBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL110PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFL110PBF Datasheet HTML 1Page - International Rectifier IRFL110PBF Datasheet HTML 2Page - International Rectifier IRFL110PBF Datasheet HTML 3Page - International Rectifier IRFL110PBF Datasheet HTML 4Page - International Rectifier IRFL110PBF Datasheet HTML 5Page - International Rectifier IRFL110PBF Datasheet HTML 6Page - International Rectifier IRFL110PBF Datasheet HTML 7Page - International Rectifier IRFL110PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFL110PbF
2
www.irf.com
RDS(on)
StaticDrain-to-SourceOn-Resistance
–––
–––
0.54
VGS = 10V, ID = 0.90A
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
1.1
–––
–––
S
VDS = 50V, ID = 0.90A
–––
–––
25
µA
VDS = 100V, VGS = 0V
–––
–––
250
VDS = 80V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
8.3
ID = 5.6A
Qgs
Gate-to-Source Charge
–––
–––
2.3
nC
VDS = 80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
3.8
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
6.9
–––
VDD = 50V
tr
Rise Time
–––
16
–––
ns
ID = 5.6A
td(off)
Turn-Off Delay Time
–––
15
–––
RG = 24 Ω
tf
Fall Time
–––
9.4
–––
RD = 8.4 Ω,
See Fig. 10
nH
Ciss
Input Capacitance
–––
180
–––
VGS = 0V
Coss
Output Capacitance
–––
81
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
15
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD ≤ 5.6A, di/dt ≤ 75A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
VDD=25V, starting TJ = 25°C, L = 25 mH
RG = 25Ω, IAS = 3.0A (See Figure 12)
Pulse width
≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
2.5
V
TJ = 25°C, IS = 1.5A, VGS = 0V
trr
Reverse Recovery Time
–––
100
200
ns
TJ = 25°C, IF = 5.6A
Qrr
Reverse RecoveryCharge
–––
0.44
0.88
µC
di/dt = 100A/µs
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
–––
–––
–––
–––
12
1.5
A
S
D
G
Between lead, 6mm(0.25in)
from package and center
of die contact.
LS
Internal Source Inductance
Internal Drain Inductance
LD
–––
4.0
–––
–––
6.0
–––
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.63
–––
V/°C
Reference to 25°C, ID = 1mA
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
VGS = 0V, ID = 250µA
Parameter
Min. Typ. Max. Units
Conditions
Source-Drain Ratings and Characteristics


Similar Part No. - IRFL110PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFL110PBF VISHAY-IRFL110PBF Datasheet
1Mb / 8P
   Power MOSFET
S-81361-Rev. A, 07-Jul-08
More results

Similar Description - IRFL110PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com