Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4043M8IZ-2.7A Datasheet(PDF) 11 Page - Intersil Corporation

Part # X4043M8IZ-2.7A
Description  CPU Supervisor with 4kbit EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4043M8IZ-2.7A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X4043M8IZ-2.7A Datasheet HTML 7Page - Intersil Corporation X4043M8IZ-2.7A Datasheet HTML 8Page - Intersil Corporation X4043M8IZ-2.7A Datasheet HTML 9Page - Intersil Corporation X4043M8IZ-2.7A Datasheet HTML 10Page - Intersil Corporation X4043M8IZ-2.7A Datasheet HTML 11Page - Intersil Corporation X4043M8IZ-2.7A Datasheet HTML 12Page - Intersil Corporation X4043M8IZ-2.7A Datasheet HTML 13Page - Intersil Corporation X4043M8IZ-2.7A Datasheet HTML 14Page - Intersil Corporation X4043M8IZ-2.7A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN8118.2
March 16, 2006
Figure 8. Acknowledge Response From Receiver
X4043/45 ADDRESSING
Slave Address Byte
Following a start condition, the master must output a
slave address byte. This byte consists of several parts:
– a device type identifier that is ‘1010’ to access the
array and ‘1011’ to access the control register.
– two bits of ‘0’.
– one bit that becomes the MSB of the address.
– one bit of the slave command byte is a R/W bit. The
R/W bit of the slave address byte defines the opera-
tion to be performed. When the R/W bit is a one,
then a read operation is selected. A zero selects a
write operation. Refer to Figure 8.
– After loading the entire slave address byte from the
SDA bus, the device compares the input slave byte
data to the proper slave byte. Upon a correct compare,
the device outputs an acknowledge on the SDA line.
Word Address
The word address is either supplied by the master or
obtained from an internal counter. The internal counter
is undefined on a power-up condition.
Slave Address Byte
Figure 9. X4043/45 Addressing
Operational Notes
The device powers-up in the following state:
– The device is in the low power standby state.
– The WEL bit is set to ‘0’. In this state it is not possi-
ble to write to the device.
– SDA pin is the input mode.
– RESET signal is active for tPURST.
SERIAL WRITE OPERATIONS
Byte Write
For a write operation, the device requires the slave
address byte and a word address byte. This gives the
master access to any one of the words in the array.
After receipt of the word address byte, the device
responds with an acknowledge, and awaits the next
eight bits of data. After receiving the 8 bits of the data
byte, the device again responds with an acknowledge.
The master then terminates the transfer by generating a
stop condition, at which time the device begins the inter-
nal write cycle to the nonvolatile memory. During this
internal write cycle, the device inputs are disabled, so the
device will not respond to any requests from the master.
The SDA output is at high impedance. See Figure 10.
A write to a protected block of memory will suppress
the acknowledge bit.
Data Output
from
Transmitter
Data Output
from Receiver
8
1
9
Start
Acknowledge
SCL from
Master
Array
Control Reg.
1
1
0
0
1
1
0
1
00
A8
R/W
A7
A6
A5
A4
A3
A2
A1
A0
Word Address
Slave Byte
X4043, X4045


Similar Part No. - X4043M8IZ-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043M8IZ-2.7A INTERSIL-X4043M8IZ-2.7A Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
logo
Renesas Technology Corp
X4043M8IZ-2.7A RENESAS-X4043M8IZ-2.7A Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4043M8IZ-2.7A INTERSIL-X4043M8IZ-2.7A Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
More results

Similar Description - X4043M8IZ-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com