Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4323V8I-2.7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # X4323V8I-2.7A
Description  CPU Supervisor with 32k EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4323V8I-2.7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X4323V8I-2.7A Datasheet HTML 5Page - Intersil Corporation X4323V8I-2.7A Datasheet HTML 6Page - Intersil Corporation X4323V8I-2.7A Datasheet HTML 7Page - Intersil Corporation X4323V8I-2.7A Datasheet HTML 8Page - Intersil Corporation X4323V8I-2.7A Datasheet HTML 9Page - Intersil Corporation X4323V8I-2.7A Datasheet HTML 10Page - Intersil Corporation X4323V8I-2.7A Datasheet HTML 11Page - Intersil Corporation X4323V8I-2.7A Datasheet HTML 12Page - Intersil Corporation X4323V8I-2.7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN8122.1
May 25, 2006
Writing to the Control Register
Changing any of the nonvolatile bits of the control reg-
ister requires the following steps:
– Write a 02H to the Control Register to set the Write
Enable Latch (WEL). This is a volatile operation, so
there is no delay after the write. (Operation pre-
ceeded by a start and ended with a stop).
– Write a 06H to the Control Register to set both the
Register Write Enable Latch (RWEL) and the WEL
bit. This is also a volatile cycle. The zeros in the data
byte are required. (Operation preceeded by a start
and ended with a stop).
– Write a value to the Control Register that has all the
control bits set to the desired state. This can be rep-
resented as 0xys t01r in binary, where xy are the
WD bits, and rst are the BP bits. (Operation pre-
ceeded by a start and ended with a stop). Since this
is a nonvolatile write cycle it will take up to 10ms to
complete. The RWEL bit is reset by this cycle and
the sequence must be repeated to change the non-
volatile bits again. If bit 2 is set to ‘1’ in this third step
(0xys t11r) then the RWEL bit is set, but the WD1,
WD0, BP2, BP1 and BP0 bits remain unchanged.
Writing a second byte to the control register is not
allowed. Doing so aborts the write operation and
returns a NACK.
– A read operation occurring between any of the
previous operations will not interrupt the register
write operation.
– The RWEL bit cannot be reset without writing to the
nonvolatile control bits in the control register, power
cycling the device or attempting a write to a write
protected block.
To illustrate, a sequence of writes to the device con-
sisting of [02H, 06H, 02H] will reset all of the nonvola-
tile bits in the Control Register to 0. A sequence of
[02H, 06H, 06H] will leave the nonvolatile bits
unchanged and the RWEL bit remains set.
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented proto-
col. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is
called the master and the device being controlled is
called the slave. The master always initiates data
transfers, and provides the clock for both transmit and
receive operations. Therefore, the devices in this fam-
ily operate as slaves in all applications.
Serial Clock and Data
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. See
Figure 5.
Figure 5. Valid Data Changes on the SDA Bus
SCL
SDA
Data Stable
Data Change
Data Stable
X4323, X4325


Similar Part No. - X4323V8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323V8I-2.7A INTERSIL-X4323V8I-2.7A Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
More results

Similar Description - X4323V8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4323 INTERSIL-X4323 Datasheet
333Kb / 21P
   CPU Supervisor with 32K EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com