Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4163V8IZ-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X4163V8IZ-2.7
Description  CPU Supervisor with 16K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4163V8IZ-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X4163V8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X4163V8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X4163V8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X4163V8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X4163V8IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X4163V8IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X4163V8IZ-2.7 Datasheet HTML 12Page - Intersil Corporation X4163V8IZ-2.7 Datasheet HTML 13Page - Intersil Corporation X4163V8IZ-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
FN8120.1
May 12, 2006
Figure 6. Valid Start and Stop Conditions
Serial Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL
is HIGH. The device continuously monitors the SDA
and SCL lines for the start condition and will not
respond to any command until this condition has been
met. See Figure 6.
Serial Stop Condition
All communications must be terminated by a stop con-
dition, which is a LOW to HIGH transition of SDA when
SCL is HIGH. The stop condition is also used to place
the device into the Standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the bus. See Figure 6.
Serial Acknowledge
Acknowledge is a software convention used to indi-
cate successful data transfer. The transmitting device,
either master or slave, will release the bus after trans-
mitting eight bits. During the ninth clock cycle, the
receiver will pull the SDA line LOW to acknowledge
that it received the eight bits of data. Refer to Figure 7.
The device will respond with an acknowledge after
recognition of a start condition and if the correct
Device Identifier and Select bits are contained in the
Slave Address Byte. If a write operation is selected,
the device will respond with an acknowledge after the
receipt of each subsequent eight bit word. The device
will acknowledge all incoming data and address bytes,
except for the Slave Address Byte when the Device
Identifier and/or Select bits are incorrect.
In the read mode, the device will transmit eight bits of
data, release the SDA line, then monitor the line for an
acknowledge. If an acknowledge is detected and no
stop condition is generated by the master, the device
will continue to transmit data. The device will terminate
further data transmissions if an acknowledge is not
detected. The master must then issue a stop condition
to return the device to Standby mode and place the
device into a known state.
Figure 7. Acknowledge Response From Receiver
SCL
SDA
Start
Stop
Data Output
from
Transmitter
Data Output
from Receiver
8
1
9
Start
Acknowledge
SCL from
Master
X4163, X4165


Similar Part No. - X4163V8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163V8IZ-2.7 INTERSIL-X4163V8IZ-2.7 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163V8IZ-2.7 RENESAS-X4163V8IZ-2.7 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Intersil Corporation
X4163V8IZ-2.7A INTERSIL-X4163V8IZ-2.7A Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163V8IZ-2.7A RENESAS-X4163V8IZ-2.7A Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results

Similar Description - X4163V8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com