Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4163V8Z-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X4163V8Z-2.7
Description  CPU Supervisor with 16K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4163V8Z-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X4163V8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X4163V8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X4163V8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X4163V8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X4163V8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X4163V8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X4163V8Z-2.7 Datasheet HTML 9Page - Intersil Corporation X4163V8Z-2.7 Datasheet HTML 10Page - Intersil Corporation X4163V8Z-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN8120.1
May 12, 2006
Figure 4. VTRIP Programming Sequence
Control Register
The Control Register provides the user a mechanism
for changing the Block Lock and Watchdog Timer set-
tings. The Block Lock and Watchdog Timer bits are
nonvolatile and do not change when power is
removed.
The Control Register is accessed at address FFFFh. It
can only be modified by performing a byte write opera-
tion directly to the address of the register and only one
data byte is allowed for each register write operation.
Prior to writing to the Control Register, the WEL and
RWEL bits must be set using a two step process, with
the whole sequence requiring 3 steps. See "Writing to
the Control Register" below.
The user must issue a stop after sending this byte to
the register to initiate the nonvolatile cycle that stores
WD1, and WD0. The X4163, X4165 will not acknowl-
edge any data bytes written after the first byte is
entered.
The state of the Control Register can be read at any
time by performing a random read at address FFFFh.
Only one byte is read by each register read operation.
The X4163, X4165 resets itself after the first byte is
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP -
Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied =
Old VCC Applied + Error
(VCC = VCC - 50mV)
Execute
Sequence
Reset VTRIP
New VCC Applied =
Old VCC Applied - Error
Error
≤ –Emax
–Emax < Error < Emax
YES
NO
Error
≥ Emax
Emax = Maximum Allowed VTRIP Error
X4163, X4165


Similar Part No. - X4163V8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163V8Z-2.7 INTERSIL-X4163V8Z-2.7 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163V8Z-2.7 RENESAS-X4163V8Z-2.7 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Intersil Corporation
X4163V8Z-2.7A INTERSIL-X4163V8Z-2.7A Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163V8Z-2.7A RENESAS-X4163V8Z-2.7A Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results

Similar Description - X4163V8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
   CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com