Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4283V8Z-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X4283V8Z-2.7
Description  CPU Supervisor with 128K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4283V8Z-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X4283V8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X4283V8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X4283V8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X4283V8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X4283V8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X4283V8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X4283V8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X4283V8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X4283V8Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN8121.1
May 23, 2006
Ordering Information
PART NUMBER
RESET
(ACTIVE LOW)
PART
MARKING
PART NUMBER
RESET
(ACTIVE HIGH)
PART
MARKING
VCC RANGE
(V)
VTRIP RANGE
(V)
TEMP
RANGE (°C)
PACKAGE
PKG.
DWG #
X4283S8-2.7
X4283 F
X4285S8-2.7
X4285 F
2.7 to 5.5
2.55 to 2.7
0 to 70
8 Ld SOIC
(150 mil)
MDP0027
X4283S8Z-2.7 (Note) X4283 ZF
X4285S8Z-2.7
(Note)
X4285 ZF
0 to 70
8 Ld SOIC
(150 mil) (Pb-free)
MDP0027
X4283S8I-2.7
X4283 G
X4285S8I-2.7
X4285 G
-40 to +85
8 Ld SOIC
(150 mil)
MDP0027
X4283S8IZ-2.7
(Note)
X4283 ZG
X4285S8IZ-2.7
(Note)
X4285 ZG
-40 to +85
8 Ld SOIC
(150 mil) (Pb-free)
MDP0027
X4283V8-2.7
4283 F
X4285V8-2.7
4285 F
0 to 70
8 Ld TSSOP
(4.4mm)
M8.173
X4283V8Z-2.7 (Note) 4283 FZ
X4285V8Z-2.7
(Note)
4285 FZ
0 to 70
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4283V8I-2.7
4283 G
X4285V8I-2.7
4285 G
-40 to +85
8 Ld TSSOP
(4.4mm)
M8.173
X4283V8IZ-2.7
(Note)
4283 GZ
X4285V8IZ-2.7
(Note)
4285 GZ
-40 to +85
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4283S8-2.7A*
X4283 AN
X4285S8-2.7A
X4285 AN
2.85 to 3.0
0 to 70
8 Ld SOIC
(150 mil)
MDP0027
X4283S8Z-2.7A
(Note)
X4283 ZAN X4285S8Z-2.7A
(Note)
X4285 ZAN
0 to 70
8 Ld SOIC
(150 mil) (Pb-free)
MDP0027
X4283S8I-2.7A*
X4283 AP
X4285S8I-2.7A
X4285 AP
-40 to +85
8 Ld SOIC
(150 mil)
MDP0027
X4283S8IZ-2.7A*
(Note)
X4283 ZAP X4285S8IZ-2.7A
(Note)
X4285 ZAP
-40 to +85
8 Ld SOIC
(150 mil) (Pb-free)
MDP0027
X4283V8-2.7A
4283 AN
X4285V8-2.7A
4285 AN
0 to 70
8 Ld TSSOP
(4.4mm)
M8.173
X4283V8Z-2.7A
(Note)
4283 ANZ
X4285V8Z-2.7A
(Note)
4285 ANZ
0 to 70
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4283V8I-2.7A
4283 AP
X4285V8I-2.7A
4285 AP
-40 to +85
8 Ld TSSOP
(4.4mm)
M8.173
X4283V8IZ-2.7A
(Note)
4283 APZ
X4285V8IZ-2.7A
(Note)
4285 APZ
-40 to +85
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4283S8
X4283
X4285S8
X4285
4.5 to 5.5
4.5 to 4.75
0 to 70
8 Ld SOIC
(150 mil)
MDP0027
X4283S8Z (Note)
X4283 Z
X4285S8Z (Note)
X4285 Z
0 to 70
8 Ld SOIC
(150 mil) (Pb-free)
MDP0027
X4283S8I
X4283 I
X4285S8I
X4285 I
-40 to +85
8 Ld SOIC
(150 mil)
MDP0027
X4283S8IZ (Note)
X4283 ZI
X4285S8IZ (Note) X4285 ZI
-40 to +85
8 Ld SOIC
(150 mil) (Pb-free)
MDP0027
X4283V8
4283
X4285V8
4285
0 to 70
8 Ld TSSOP
(4.4mm)
M8.173
X4283V8Z (Note)
4283 Z
X4285V8Z (Note)
4285 Z
0 to 70
8 Ld TSSOP
(4.4mm) (Pb-free)
M8.173
X4283V8I
4283 I
X4285V8I
4285 I
-40 to +85
8 Ld TSSOP
(4.4mm)
M8.173
X4283, X4285


Similar Part No. - X4283V8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X4283V8Z-2.7 RENESAS-X4283V8Z-2.7 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
X4283V8Z-2.7A RENESAS-X4283V8Z-2.7A Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results

Similar Description - X4283V8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4283 XICOR-X4283 Datasheet
412Kb / 22P
   CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com