Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88013IH522Z-TK Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL88013IH522Z-TK
Description  5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88013IH522Z-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL88013IH522Z-TK Datasheet HTML 2Page - Intersil Corporation ISL88013IH522Z-TK Datasheet HTML 3Page - Intersil Corporation ISL88013IH522Z-TK Datasheet HTML 4Page - Intersil Corporation ISL88013IH522Z-TK Datasheet HTML 5Page - Intersil Corporation ISL88013IH522Z-TK Datasheet HTML 6Page - Intersil Corporation ISL88013IH522Z-TK Datasheet HTML 7Page - Intersil Corporation ISL88013IH522Z-TK Datasheet HTML 8Page - Intersil Corporation ISL88013IH522Z-TK Datasheet HTML 9Page - Intersil Corporation ISL88013IH522Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN8093.1
December 14, 2006
Pin Description
RST
The push-pull RST output is set to VDD (HIGH) whenever 1)
the device is first powered up, 2) either VDD or the voltage on
VMON falls below their respective minimum voltage sense
levels, 3) MR is asserted or 4) the watchdog timeout expires.
RST/MR
This pin functions as both a reset output and a manual reset
input. The RST output functions identically to the
complementary RST output but is an open drain output that
is pulled to GND (LOW) when reset is asserted. The MR
input is an active-low debounced input to which a user can
connect a push-button to add manual reset capability or
drive with active low signal from a controller.
VDD
The VDD pin is the power supply terminal. It is monitored by
the ISL88011, ISL88012 and ISL88013. For these devices,
the voltage at this pin is compared against an internal
factory-programmed voltage trip point, VTHVDD. A reset is
first asserted when the device is initially powered up to
ensure that the power supply has stabilized. Thereafter,
reset is again asserted whenever VDD falls below VTHVDD.
The device is designed with hysteresis to help prevent
chattering due to noise.
VMON
The VMON pin on the ISL88012, ISL88014 and ISL88015 is
a monitored input voltage that is user-adjustable. The
voltage at this pin is compared against an internal 600mV
reference voltage (VTHVMON) and a reset is asserted
whenever the monitored voltage falls below this trip point.
WDI
The Watchdog Input takes an input from a microprocessor
and ensures that it periodically toggles the WDI pin,
otherwise the internal watchdog timer runs out and reset is
asserted. The internal Watchdog Timer is cleared whenever
the WDI input pin sees a rising or falling edge or the device
is manually reset.
CPOR
The CPOR input pin lets users increase the Power On Reset
timeout delay (tPOR) by connecting a capacitor between
CPOR and ground. (See Figure 3)
VTHVMON
HYST
Hysteresis Voltage (Notes 4, 5)
3
mV
RESET
VOL
Reset Output Voltage Low
VDD ≥ 3.3V, Sinking 0.5mA
0.05
0.40
V
VDD < 3.3V, Sinking 0.5mA
0.05
0.40
V
VOH
Reset Output Voltage High
VDD ≥ 3.3V, Sourcing 0.4mA
VDD-0.6
VDD-0.4
V
VDD < 3.3V, Sourcing 0.4mA
VDD-0.6
VDD-0.4
V
tRPD
VTH to Reset Asserted Delay
60
µs
tPOR
POR Timeout Delay
ISL88012, ISL88013, ISL88015
140
200
260
ms
ISL88011, ISL88014 with CPOR = OPEN
200
250
ms
CLOAD
Load Capacitance on Reset Pins
5
pF
MANUAL RESET
VMR
MR Input Voltage
0
100
mV
tMR
MR Minimum Pulse Width
1
µs
WATCHDOG TIMER (Note 6)
Start tWDT Startup Watchdog Timeout Period
32
51
64
sec
tWDT
Normal Watchdog Timeout Period
1.0
1.6
2.0
sec
tWDPS
WDI Minimum Pulse Width
100
ns
VIL
Watchdog Input Voltage Low
0.3 x VDD
V
VIH
Watchdog Input Voltage High
0.85 x VDD
V
IWDT
Watchdog Input Current
100
nA
NOTES:
4. Applies to ISL88012
5. Applies to ISL88014 and ISL88015.
6. Applies to ISL88013 and ISL88015.
Electrical Specifications
Over the recommended operating conditions unless otherwise specified, RPU = 10kΩ. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL88011, ISL88012, ISL88013, ISL88014, ISL88015


Similar Part No. - ISL88013IH522Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88013IH522Z-TK RENESAS-ISL88013IH522Z-TK Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
More results

Similar Description - ISL88013IH522Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88011_0602 INTERSIL-ISL88011_0602 Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Fujitsu Component Limit...
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PNF-G FUJITSU-MB3793-42PNF-G Datasheet
183Kb / 23P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com