Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7416PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7416PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7416PBF Datasheet(HTML) 4 Page - International Rectifier

  IRF7416PBF Datasheet HTML 1Page - International Rectifier IRF7416PBF Datasheet HTML 2Page - International Rectifier IRF7416PBF Datasheet HTML 3Page - International Rectifier IRF7416PBF Datasheet HTML 4Page - International Rectifier IRF7416PBF Datasheet HTML 5Page - International Rectifier IRF7416PBF Datasheet HTML 6Page - International Rectifier IRF7416PBF Datasheet HTML 7Page - International Rectifier IRF7416PBF Datasheet HTML 8Page - International Rectifier IRF7416PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF7416PbF
4
www.irf.com
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
1000
2000
3000
4000
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
4
8
12
16
20
0
20406080
100
G
A
Q , Total Gate Charge (nC)
V
= -24V
V
= -15V
DS
DS
FOR TEST CIRCUIT
SEE FIGURE 9
I
= -5.6A
D
1
10
100
0.4
0.6
0.8
1.0
1.2
T = 25°C
T = 150°C
J
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
-V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms


Similar Part No. - IRF7416PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7416PBF IRF-IRF7416PBF Datasheet
242Kb / 9P
   GENERATION V TECHNOLOGY
IRF7416PBF-1 IRF-IRF7416PBF-1 Datasheet
234Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7416PBF-1 IRF-IRF7416PBF-1_15 Datasheet
234Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7416PBF IRF-IRF7416PBF_15 Datasheet
242Kb / 9P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRF7416PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com