Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28C513EMB-15 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X28C513EMB-15
Description  5V, Byte Alterable EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C513EMB-15 Datasheet(HTML) 2 Page - Intersil Corporation

  X28C513EMB-15 Datasheet HTML 1Page - Intersil Corporation X28C513EMB-15 Datasheet HTML 2Page - Intersil Corporation X28C513EMB-15 Datasheet HTML 3Page - Intersil Corporation X28C513EMB-15 Datasheet HTML 4Page - Intersil Corporation X28C513EMB-15 Datasheet HTML 5Page - Intersil Corporation X28C513EMB-15 Datasheet HTML 6Page - Intersil Corporation X28C513EMB-15 Datasheet HTML 7Page - Intersil Corporation X28C513EMB-15 Datasheet HTML 8Page - Intersil Corporation X28C513EMB-15 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8106.2
June 7, 2006
Block Diagram
X Buffers
Latches and
Decoder
I/O Buffers
and Latches
Y Buffers
Latches and
Decoder
Control
Logic and
Timing
512Kbit
EEPROM
Array
I/O0-I/O7
Data Inputs/Outputs
CE
OE
VCC
VSS
A7-A15
WE
A0-A6
Ordering Information
PART NUMBER
PART MARKING
ACCESS TIME
(ns)
TEMP RANGE (°C)
PACKAGE
X28C512D
X28C512D
-
0 to +70
32 Ld CERDIP
X28C512DM
X28C512DM
-55 to +125
32 Ld CERDIP
X28C512J
X28C512J
0 to +70
32 Ld PLCC
X28C513EM
X28C513EM
-55 to +125
32 Ld LCC
X28C512D-12
X28C512D-12
120
0 to +70
32 Ld CERDIP
X28C512DI-12
X28C512DI-12
-40 to +85
32 Ld CERDIP
X28C512DMB-12
X28C512DMB-12
Mil-STD-883
32 Ld CERDIP
X28C512FMB-12
X28C512FMB-12
Mil-STD-883
32 Ld Flat Pack
X28C512J-12*
X28C512J-12
0 to +70
32 Ld PLCC
X28C512JZ-12* (See Note)
X28C512J-12 Z
0 to +70
32 Ld PLCC (Pb-free)
X28C512JI-12
X28C512JI-12
-40 to +85
32 Ld PLCC
X28C512JIZ-12* (See Note)
X28C512JI-12 Z
-40 to +85
32 Ld PLCC (Pb-free)
X28C512JM-12
X28C512JM-12
-55 to +125
32 Ld PLCC
X28C512KM-12
X28C512KM-12
-55 to +125
36 Ld CPGA
X28C512PI-12
X28C512PI-12
-40 to +85
32 Ld PDIP
X28C512RMB-12
X28C512RMB-12
Mil-STD-883
32 Ld Flat Pack
X28C513EM-12
X28C513EM-12
-55 to +125
32 Ld LCC
X28C513EMB-12
X28C513EMB-12
Mil-STD-883
32 Ld LCC
X28C513J-12*
X28C513J-12
0 to +70
32 Ld PLCC
X28C513JZ-12* (Note)
X28C513J-12 Z
0 to +70
32 Ld PLCC (Pb-free)
X28C513JI-12*
X28C513JI-12
-40 to +85
32 Ld PLCC
X28C513JIZ-12* (Note)
X28C513JI-12 Z
-40 to +85
32 Ld PLCC (Pb-free)
X28C513JM-12
X28C513JM-12
-55 to +125
32 Ld PLCC
X28C512, X28C513


Similar Part No. - X28C513EMB-15

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C513EMB-15 XICOR-X28C513EMB-15 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C513EMB-15 INTERSIL-X28C513EMB-15 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C513EMB-15 RENESAS-X28C513EMB-15 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C513EMB-15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com