Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40420V14I-C Datasheet(PDF) 3 Page - Intersil Corporation

Part # X40420V14I-C
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40420V14I-C Datasheet(HTML) 3 Page - Intersil Corporation

  X40420V14I-C Datasheet HTML 1Page - Intersil Corporation X40420V14I-C Datasheet HTML 2Page - Intersil Corporation X40420V14I-C Datasheet HTML 3Page - Intersil Corporation X40420V14I-C Datasheet HTML 4Page - Intersil Corporation X40420V14I-C Datasheet HTML 5Page - Intersil Corporation X40420V14I-C Datasheet HTML 6Page - Intersil Corporation X40420V14I-C Datasheet HTML 7Page - Intersil Corporation X40420V14I-C Datasheet HTML 8Page - Intersil Corporation X40420V14I-C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
May 25, 2006
Low VCC detection circuitry protects the user’s system
from low voltage conditions, resetting the system
when VCC falls below the minimum VTRIP1 point.
RESET/RESET is active until VCC returns to proper
operating level and stabilizes. A second voltage moni-
tor circuit tracks the unregulated supply to provide a
power fail warning or monitors different power supply
voltage. Three common low voltage combinations are
available, however, Intersil’s unique circuits allows the
threshold for either voltage monitor to be repro-
grammed to meet special needs or to fine-tune the
threshold for applications requiring higher precision.
A manual reset input provides debounce circuitry for
minimum reset component count.
A battery switch circuit compares VCC with VBATT input
and connects VOUT to whichever is higher. This pro-
vides voltage to external SRAM or other circuits in the
event of main power failure. The X40420, X40421 can
drive 50mA from VCC to 250µA from VBATT. The
device only switches to VBATT when VCC drops below
the low VCC voltage threshold and VBATT.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable
time out interval, the device activates the WDO signal.
The user selects the interval from three preset values.
Once selected, the interval does not change, even
after cycling the power.
The memory portion of the device is a CMOS Serial
EEPROM array with Intersil’s Block Lock protection.
The array is internally organized as x 8. The device
features an 2-wire interface and software protocol
allowing operation on a two-wire bus.
The device utilizes Intersil’s proprietary Direct Write
cell, providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
PIN CONFIGURATION
Example Application
Unreg.
Supply
5V
REG
+
Manual
Reset
Enable
Addr
SRAM
Addr
NMI
IRQ
RESET
I2C
uC
VCC
BATT-ON
VCC
VBATT VOUT
V2MON
V2FAIL
VDO
RESET
MR
SCL SDA
X40420, X40421
VBATT
VSS
VCC
SDA
SCL
3
2
4
1
12
13
11
14
LOWLINE
WDO
RESET
7
6
5
8
9
10
V2MON
MR
WP
3
2
4
1
12
13
11
14
7
6
5
8
9
10
VOUT
BATT-ON
V2FAIL
VBATT
VCC
SDA
SCL
WP
VOUT
BATT-ON
VSS
LOWLINE
WDO
RESET
V2MON
MR
V2FAIL
X40420
X40421
14-Pin SOIC, TSSOP
14-Pin SOIC, TSSOP
PIN DESCRIPTION
Pin
Name
Function
1V2FAIL
V2 Voltage Fail Output. This open drain output goes LOW when V2MON is less than VTRIP2 and
goes HIGH when V2MON exceeds VTRIP2. There is no power-up reset delay circuitry on this pin.
2V2MON
V2 Voltage Monitor Input. When the V2MON input is less than the VTRIP2 voltage, V2FAIL goes
LOW. This input can monitor an unregulated power supply with an external resistor divider or can
monitor a second power supply with no external components. Connect V2MON to VSS or VCC when
not used.
3LOWLINE
Early Low VCC Detect. This open drain output signal goes LOW when VCC < VTRIP1.
When
VCC > VTRIP1, this pin is pulled high with the use of an external pull up resistor.
4WDO
WDO Output. WDO is an active LOW, open drain output which goes active whenever the watchdog
timer goes active.
5MR
Manual Reset Input. Pulling the MR pin LOW initiates a system reset. The RESET/RESET pin will remain
HIGH/LOW until the pin is released and for the tPURST thereafter. It has an internal pull up resistor.
X40420, X40421


Similar Part No. - X40420V14I-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40420V14I-C INTERSIL-X40420V14I-C Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420V14I-C RENESAS-X40420V14I-C Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
More results

Similar Description - X40420V14I-C

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com