Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X40420 Datasheet(PDF) 16 Page - Intersil Corporation

Part # X40420
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40420 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button X40420_06 Datasheet HTML 12Page - Intersil Corporation X40420_06 Datasheet HTML 13Page - Intersil Corporation X40420_06 Datasheet HTML 14Page - Intersil Corporation X40420_06 Datasheet HTML 15Page - Intersil Corporation X40420_06 Datasheet HTML 16Page - Intersil Corporation X40420_06 Datasheet HTML 17Page - Intersil Corporation X40420_06 Datasheet HTML 18Page - Intersil Corporation X40420_06 Datasheet HTML 19Page - Intersil Corporation X40420_06 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
May 25, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on any pin with
respect to VSS ...................................... -1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10s) .................... 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
*See ordering Info
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
-40°C
+85°C
Version Chip Supply Voltage
Monitored
Voltages*
-A or -B
2.7V to 5.5V
2.6 to 5.5V
-C
2.7V to 5.5V
1.6V to 3.6V
D.C. OPERATING CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified)
Symbol
Parameter
Min.
Typ.(5)
Max.
Unit
Test Conditions
ICC1(1)
Active Supply Current (
VCC) Read
(Excludes IOUT)
1.5
mA VIL = VCC x 0.1
VIH = VCC x 0.9,
fSCL = 400kHz
ICC2(1)
Active Supply Current (
VCC) Write Non
Volatile Memory (Excludes IOUT)
3.0
mA
ISB1(1)(7) Standby Current (VCC) AC (WDT off)
6
10
µA
VIL = VCC x 0.1
VIH =
VCC x 0.9
fSCL, fSDA = 400kHz
ISB2(2)(7) Standby Current (VCC) DC (WDT on)
25
30
µA
VSDA = VSCL = VCC
Others = GND or
VCC
IBATT1(3)(7) VBATT Current (Excludes IOUT)0.4
1
µA
VOUT = VCC
IBATT2(7) VBATT Current (Excludes IOUT)
(Battery Backup Mode)
6µA
VBATT = 2.8V
VOUT = Open
VOUT1(7) Output Voltage (VCC > VBATT + 0.03V or
VCC > VTRIP1)
VCC-0.05V
VCC-0.5V
VIOUT = 5mA (4.5-5.5V)
IOUT = 50mA (4.5-5.5V)
VOUT2(7) Output Voltage (VCC < VBATT – 0.03V and
VCC < VTRIP1) {Battery Backup}
VBATT-0.2
V
IOUT = 250µA
VOLB
Output (BATT-ON) LOW Voltage
0.4
V
IOL = 3.0mA (4.5-5.5V)
VOHB
Output (BATT-ON) HIGH Voltage
VOUT-0.8
V
IOH = -0.4mA (4.5-5.5V)
VBSH(7)
Battery Switch Hysteresis
(VCC < VTRIP1)
30
-30
mV Power-up
Power-down
ILI
Input Leakage Current (SCL, MR, WP)
10
µA
VIL = GND to VCC
ILO
Output Leakage Current (SDA, V2FAIL,
WDO, RESET)
10
µA
VSDA = GND to VCC
Device is in Standby(2)
VIL(3)
Input LOW Voltage (SDA, SCL, MR, WP)
-0.5
VCC x 0.3
V
VIH(3)
Input HIGH Voltage (SDA, SCL, MR, WP)
VCC x 0.7
VCC + 0.5
V
X40420, X40421


Similar Part No. - X40420_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40420S14-A INTERSIL-X40420S14-A Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420S14-A RENESAS-X40420S14-A Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40420S14-B INTERSIL-X40420S14-B Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420S14-B RENESAS-X40420S14-B Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40420S14-C INTERSIL-X40420S14-C Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
More results

Similar Description - X40420_06

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com