Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88705IP846Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL88705IP846Z
Description  uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88705IP846Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL88705IP846Z Datasheet HTML 2Page - Intersil Corporation ISL88705IP846Z Datasheet HTML 3Page - Intersil Corporation ISL88705IP846Z Datasheet HTML 4Page - Intersil Corporation ISL88705IP846Z Datasheet HTML 5Page - Intersil Corporation ISL88705IP846Z Datasheet HTML 6Page - Intersil Corporation ISL88705IP846Z Datasheet HTML 7Page - Intersil Corporation ISL88705IP846Z Datasheet HTML 8Page - Intersil Corporation ISL88705IP846Z Datasheet HTML 9Page - Intersil Corporation ISL88705IP846Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN8092.3
December 6, 2006
Principles of Operation
The ISL88705 - ISL88813 devices provide those functions
needed for monitoring critical voltages such as power-supply
and battery functions in microprocessor systems. Features of
these supervisors include Power On Reset control, Supply
Voltage Supervision, Power-Fail Detection and Manual Reset
Assertion. The integration of all these features along with high
reset threshold accuracy and low power consumption make
these devices ideal for portable or battery-powered equipment.
Power-On Reset (POR)
Applying power to the device activates a POR circuit which
asserts reset (i.e. RST goes high while RST goes low). These
signals provide several benefits:
• It prevents the system microprocessor from starting to
operate with insufficient voltage.
• It prevents the processor from operating prior to stabilization
of the oscillator.
• It ensures that the monitored device is held out of operation
until internal registers are properly loaded.
• It allows time for an FPGA to download its configuration prior
to initialization of the circuit.
The reset signals remain active until VDD rises above the
minimum voltage sense level for time period tPOR. This
ensures that the supply voltage has stabilized to sufficient
operating levels.
MANUAL RESET
VMRL
MR Input Voltage Low
0.8
V
VMRH
MR Input Voltage High
VDD-0.6
V
tMR
MR Minimum Pulse Width
550
ns
RPU
Internal MR Pull-Up Resistor
20
k
Ω
WATCHDOG TIMER (Note 4)
tWDT
Watchdog Time-out Period
1.0
1.6
2.0
s
tWDPS
WDI Minimum Pulse Width
100
ns
VIL
Watchdog Input Voltage Low
0.3 x VDD
V
VIH
Watchdog Input Voltage High
0.7 x VDD
V
VWDOL
WDO Output Voltage Low
VDD ≥ 3.3V, Sinking 2.5mA
0.05
0.40
V
VDD < 3.3V, Sinking 1.5mA
0.05
0.40
V
VWDOH
WDO Output Voltage High
VDD ≥ 3.3V, Sourcing 2.5mA
VDD-0.6
VDD-0.4
V
VDD < 3.3V, Sourcing 1.5mA
VDD-0.6
VDD-0.4
V
IWDT
Watchdog Input Current
1µA
POWER-FAIL DETECTION
VTHPFI
PFI Input Threshold Voltage
1.20
1.25
1.30
V
PFIVTHHYST Hysteresis Voltage
20
mV
VPFOL
PFO Output Voltage Low
VDD ≥ 3.3V, Sinking 2.5mA
0.05
0.40
V
VDD < 3.3V, Sinking 1.5mA
0.05
0.40
V
VPFOH
PFO Output Voltage High
VDD ≥ 3.3V, Sourcing 2.5mA
VDD-0.6
VDD-0.4
V
VDD < 3.3V, Sourcing 1.5mA
VDD-0.6
VDD-0.4
V
NOTE:
4. Applies to ISL88705, ISL88706, ISL88716, and ISL88813.
Electrical Specifications
Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISL88705, ISL88706, ISL88707, ISL88708, 8SL88716, ISL88813


Similar Part No. - ISL88705IP846Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705IP846Z INTERSIL-ISL88705IP846Z Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Renesas Technology Corp
ISL88705IP846Z RENESAS-ISL88705IP846Z Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
More results

Similar Description - ISL88705IP846Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
National Semiconductor ...
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com