Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL60007CIB825 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL60007CIB825
Description  Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007CIB825 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL60007CIB825 Datasheet HTML 1Page - Intersil Corporation ISL60007CIB825 Datasheet HTML 2Page - Intersil Corporation ISL60007CIB825 Datasheet HTML 3Page - Intersil Corporation ISL60007CIB825 Datasheet HTML 4Page - Intersil Corporation ISL60007CIB825 Datasheet HTML 5Page - Intersil Corporation ISL60007CIB825 Datasheet HTML 6Page - Intersil Corporation ISL60007CIB825 Datasheet HTML 7Page - Intersil Corporation ISL60007CIB825 Datasheet HTML 8Page - Intersil Corporation ISL60007CIB825 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN8087.3
April 21, 2006
Absolute Maximum Ratings
Recommended Operating Conditions
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +125°C
Max Voltage VIN to Gnd. . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Max Voltage VOUT to Gnd (10s) . . . . . . . . . . . . . . . -0.5V to +3.50V
Voltage on “DNC” Pins. . . . No connections permitted to these pins.
Lead Temperature, Soldering (10s) . . . . . . . . . . . . . . . . . . . . +225°C
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, Unless Otherwise
Specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
2.500V OUTPUT VOLTAGE
VOUT
Output Voltage
2.500
V
VOA
VOUT Accuracy @
TA = 25°C
ISL60007B25
-0.5
+0.5
mV
ISL60007C25
-0.5
+0.5
mV
ISL60007D25
-1.0
+1.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 1)
ISL60007B25
3
ppm/°C
ISL60007C25
5
ppm/°C
ISL60007D25
10
ppm/°C
VIN
Input Voltage Range
2.7
5.5
V
IIN
Supply Current
400
800
nA
ΔV
OUT/ΔVIN
Line Regulation
+2.7V
≤ V
IN ≤ +5.5V
30
200
µV/V
ΔVOUT/ΔIOUT Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 7mA
15
50
µV/mA
Sinking: -7mA
≤ IOUT ≤ 0mA
50
150
µV/mA
ΔV
OUT/Δt
Long Term Stability (Note 4)
TA = 25°C
10
ppm/
√1kHrs
ΔVOUT/ΔTA
Thermal Hysteresis (Note 2)
ΔTA = 125°C
50
ppm
ISC
Short Circuit Current (Note 3)
TA = 25°C, VOUT tied to Gnd
40
80
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVp-p
NOTES:
1. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +85°C = 125°C.
2. Thermal Hysteresis is the change in VOUT measured @ TA = 25°C after temperature cycling over a specified range, ΔTA. VOUT is read initially
at TA = 25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at 25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For ΔTA = 125°C, the device under test is cycled
from +25°C to +85°C to -40°C to +25°C.
3. Guaranteed by device characterization and/or correlation to other device tests.
4. FGA voltage reference long term drift is a logarithmic characteristic. Changes that occur after the first few hundred hours of operation are
significantly smaller with time, asymptotically approaching zero beyond 1000 hours. Because of this decreasing characteristic, long term drift is
specified in ppm/
√1kHrs.
ISL60007


Similar Part No. - ISL60007CIB825

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60007CIB825 INTERSIL-ISL60007CIB825 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
More results

Similar Description - ISL60007CIB825

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007 Datasheet
469Kb / 12P
   Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com