Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55002IB Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL55002IB
Description  High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55002IB Datasheet(HTML) 5 Page - Intersil Corporation

  ISL55002IB Datasheet HTML 1Page - Intersil Corporation ISL55002IB Datasheet HTML 2Page - Intersil Corporation ISL55002IB Datasheet HTML 3Page - Intersil Corporation ISL55002IB Datasheet HTML 4Page - Intersil Corporation ISL55002IB Datasheet HTML 5Page - Intersil Corporation ISL55002IB Datasheet HTML 6Page - Intersil Corporation ISL55002IB Datasheet HTML 7Page - Intersil Corporation ISL55002IB Datasheet HTML 8Page - Intersil Corporation ISL55002IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7497.4
July 27, 2006
FIGURE 11. GAIN vs FREQUENCY FOR VARIOUS CLOAD
(AV = +1)
FIGURE 12. GAIN vs FREQUENCY FOR VARIOUS CLOAD
(AV = +2)
FIGURE 13. GAIN vs FREQUENCY FOR VARIOUS RFEEDBACK
(AV = +1)
FIGURE 14. GAIN vs FREQUENCY FOR VARIOUS RFEEDBACK
(AV = +2)
FIGURE 15. GAIN vs FREQUENCY FOR VARIOUS INVERTING
INPUT CAPACITANCE (CIN)
FIGURE 16. GAIN vs FREQUENCY FOR VARIOUS SUPPLY
SETTINGS
Typical Performance Curves (Continued)
FREQUENCY (Hz)
4
2
0
100k
1M
10M
100M
1G
-2
-4
5
3
1
-1
-3
-5
VS = ±15V
AV = +2
RF = 500Ω
RL = 500Ω
CL= 100pF
CL= 68pF
CL= 39pF
CL= 22pF
CL= 39pF
FREQUENCY (Hz)
4
2
0
100k
1M
10M
100M
1G
-2
-4
5
3
1
-1
-3
-5
VS = ±15V
AV = +1
RL = 500Ω
CL = 5pF
RF=0Ω
RF=250Ω
RF=100Ω
RF=500Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±15V
AV = +2
RL = 500Ω
CL = 5pF
RF=1kΩ
RF=250Ω
RF=100Ω
RF=500Ω
FREQUENCY (Hz)
-1
-2
-3
-4
-5
-6
4
3
2
1
0
100k
1M
10M
100M
1G
VS = ±15V
RF = 500Ω
CL = 5pF
AV = +2
RL = 500Ω
CIN = 6.8pF
CIN = 10pF
CIN = 4.7pF
CIN = 0pF
CIN = 2.2pF
FREQUENCY (Hz)
4
2
0
100k
1M
10M
100M
1G
-2
-4
5
3
1
-1
-3
-5
AV = +1
RF = 0Ω
RL = 500Ω
CL = 5pF
VS = ±2.5V
VS = ± 5V
VS = ± 10V
VS = ± 15V
ISL55002


Similar Part No. - ISL55002IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55002IB INTERSIL-ISL55002IB Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55002IB RENESAS-ISL55002IB Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB-T13 INTERSIL-ISL55002IB-T13 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55002IB-T13 RENESAS-ISL55002IB-T13 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB-T7 INTERSIL-ISL55002IB-T7 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results

Similar Description - ISL55002IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com