Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55002IB Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL55002IB
Description  High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55002IB Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55002IB Datasheet HTML 1Page - Intersil Corporation ISL55002IB Datasheet HTML 2Page - Intersil Corporation ISL55002IB Datasheet HTML 3Page - Intersil Corporation ISL55002IB Datasheet HTML 4Page - Intersil Corporation ISL55002IB Datasheet HTML 5Page - Intersil Corporation ISL55002IB Datasheet HTML 6Page - Intersil Corporation ISL55002IB Datasheet HTML 7Page - Intersil Corporation ISL55002IB Datasheet HTML 8Page - Intersil Corporation ISL55002IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN7497.4
July 27, 2006
FPBW
Full-power Bandwidth (Note 2)
VS = ±15V
9.5
MHz
tS
Settling to +0.1% (AV = +1)
VS = ±15V, 10V step
75
ns
dG
Differential Gain (Note 3)
NTSC/PAL
0.01
%
dP
Differential Phase
NTSC/PAL
0.05
°
eN
Input Noise Voltage
10kHz
12
nV/
√Hz
iN
Input Noise Current
10kHz
1.5
pA/
√Hz
NOTES:
1. Slew rate is measured on rising edge.
2. For VS = ±15V, VOUT = 10VPP, for VS = ±5V, VOUT = 5VPP. Full-power bandwidth is based on slew rate measurement using FPBW = SR/(2π *
VPEAK).
3. Video performance measured at VS = ±15V, AV = +2 with two times normal video level across RL = 150Ω. This corresponds to standard video
levels across a back-terminated 75
Ω load. For other values or RL, see curves.
AC Electrical Specifications
VS = ±15V, AV = +1, RL = 1kΩ, TA = 25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. OPEN-LOOP GAIN vs FREQUENCY
FIGURE 2. OPEN-LOOP PHASE vs FREQUENCY
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS NON-
INVERTING GAIN SETTINGS
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS INVERTING
GAIN SETTINGS
ISL55002


Similar Part No. - ISL55002IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55002IB INTERSIL-ISL55002IB Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55002IB RENESAS-ISL55002IB Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB-T13 INTERSIL-ISL55002IB-T13 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Renesas Technology Corp
ISL55002IB-T13 RENESAS-ISL55002IB-T13 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB-T7 INTERSIL-ISL55002IB-T7 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results

Similar Description - ISL55002IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com