Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8170 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL8170
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8170 Datasheet(HTML) 5 Page - Intersil Corporation

  EL8170 Datasheet HTML 1Page - Intersil Corporation EL8170 Datasheet HTML 2Page - Intersil Corporation EL8170 Datasheet HTML 3Page - Intersil Corporation EL8170 Datasheet HTML 4Page - Intersil Corporation EL8170 Datasheet HTML 5Page - Intersil Corporation EL8170 Datasheet HTML 6Page - Intersil Corporation EL8170 Datasheet HTML 7Page - Intersil Corporation EL8170 Datasheet HTML 8Page - Intersil Corporation EL8170 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN7490.1
March 9, 2006
FIGURE 3. EL8170 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 4. EL8173 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 5. EL8170 FREQUENCY RESPONSE vs CLOAD
FIGURE 6. EL8173 FREQUENCY RESPONSE vs CLOAD
FIGURE 7. EL8170 AVERAGE INPUT BIAS CURRENT vs
COMMON-MODE INPUT VOLTAGE @ 25°C
FIGURE 8. EL8173 AVERAGE INPUT BIAS CURRENT vs
COMMON-MODE INPUT VOLTAGE @ 25°C
Typical Performance Curves (Continued)
100
10k
1k
100k
1M
45
40
35
30
25
20
15
10
5
0
FREQUENCY (Hz)
VS=2.9V
VS=3.3V
VS=5V
AV=100
RL=10kΩ
CL=10pF
RF/RG=99.02Ω
RF=221kΩ
RG=2.23kΩ
100
10k
1k
100k
25
20
15
10
5
0
FREQUENCY (Hz)
AV=10
RL=10kΩ
CL=10pF
RF/RG=9.08Ω
RF=178kΩ
RG=19.6kΩ
1M
VS=5V
VS=2.9V
VS=3.3V
100
10k
1k
100k
50
45
40
35
30
25
FREQUENCY (Hz)
CL=820pF
AV=100
VS=5V
RL=10kΩ
RF/RG=99.02Ω
RF=221kΩ
RG=2.23kΩ
1M
CL=56pF
CL=470pF
CL=220pF
100
10k
1k
100k
30
25
20
15
10
0
FREQUENCY (Hz)
CL=100pF
AV=10
VS=5V
RL=10kΩ
RF/RG=9.08Ω
RF=178kΩ
RG=19.6kΩ
1M
CL=2.7pF
5
CL=27pF
CL=47pF
COMMON-MODE INPUT VOLTAGE (V)
1500
1000
500
0
-500
-0.5 0 0.5 1.0 1.5 2.0 2.5
VS=2.9V
3.0 3.5 4.0 4.5 5.0 5.5
VS=5.0V
VS=3.3V
COMMON-MODE INPUT VOLTAGE (V)
2000
1500
1000
0
-0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VS=5.0V
VS=3.3V
VS=2.9V
500
EL8170, EL8173


Similar Part No. - EL8170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
716Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
More results

Similar Description - EL8170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8171 INTERSIL-EL8171_06 Datasheet
828Kb / 11P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com