Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29002IROZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL29002IROZ-T7
Description  Light-to-Digital I2C Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29002IROZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL29002IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29002IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN7465.2
December 1, 2006
FIGURE 5. SUPPLY CURRENT vs TEMPERATURE
FIGURE 6. OUTPUT CODE FOR 0LUX vs TEMPERATURE
FIGURE 7. OUTPUT CODE vs TEMPERATURE
FIGURE 8. OSCILLATOR FREQUENCY vs TEMPERATURE
FIGURE 9. RELATIVE INTENSITY
FIGURE 10. RADIATION PATTERN
Typical Performance Curves REXT = 100kΩ (Continued)
-60
-20
20
60
100
315
305
295
285
275
265
TEMPERATURE (
oC)
Vdd = 3V
COMMAND = 00H
25000 lux
1000 lux
-60
-20
20
60
100
10
8
6
4
2
0
TEMPERATURE (oC)
V
dd = 3V
COMMAND = 00H
0 lux
-60
-20
20
60
100
1.080
1.048
1.016
0.984
0.952
0.920
TEMPERATURE (
oC)
Vdd = 3V
COMMAND = 00H
25000 lux
1000 lux
-60
-20
20
60
100
330
329
328
327
326
325
TEMPERATURE (oC)
V
dd = 3V
0
20
40
60
80
100
300
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
k = 7.5
n = 1.85
HUMAN VISIBILITY CIE STANDARD
D1 NORMALIZED
n(D1-kD2)
NORMALIZED
D2
NORMALIZED
RADIATION PATTERN
LUMINOSITY
ANGLE
RELATIVE SENSITIVITY
ISL29002


Similar Part No. - ISL29002IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Similar Description - ISL29002IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8 Datasheet
603Kb / 19P
   Surface - Mount I2C Digital Ambient Light Sensor
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
Intersil Corporation
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com