Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14858 Datasheet(PDF) 1 Page - Heyco.

Part # 14858
Description  Heyco®-Tite Brass Liquid Tight Clamping Cordgrips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

14858 Datasheet(HTML) 1 Page - Heyco.

  14858 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
3-45
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
Material
Nickel-Plated Brass Body w/TPE Seal, NBR O-ring and Stainless Steel Screws
Certifications
Marks License #40019686
Temperature Range
-40°F (-40°C) to 212°F (100°C)
IP Rating
IP 68, IP 69K
Heyco
®-Tite Brass Liquid Tight Clamping Cordgrips
Metric Hubs
The Ultimate in Liquid Tight Strain Relief Protection
CABLE DIA. RANGE
PART
THREAD
SEALING
PART DIMENSIONS
NO.
SIZE
INSERT
AB
C
D
Minimum
Maximum
PIECES
Clearance
Max. O.A.
Thread
Wrenching
Hole Dia.
Length
Length
Flat Size
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
Standard Threads
.118
3,0
.157
4,0
14850
M10 x 1,5
1
.394
10,0
1.34
34,0
.39
10,0
.51/.63
13/16
.157
4,0
.236
6,0
14851
.197
5,0
.256
6,5
14852
M12 x 1,5
1
.472
12,0
1.42
36,0
.39
10,0
.59/.63
15/16
.256
6,5
.315
8,0
14853
.236
6,0
.413
10,5
14854
M16 x 1,5
2
.630
16,0
1.57
40,0
.39
10,0
.71/.75
18/19
.315
8,0
.591
15,0
14855
M20 x 1,5
2
.787
20,0
1.61
41,0
.39
10,0
.94
24
.492
12,5
.807
20,5
14856
M25 x 1,5
2
.984
25,0
1.81
46,0
.43
11,0
1.18
30
.669
17,0
1.004
25,5
14857
M32 x 1,5
2
1.260
32,0
2.09
53,0
.51
13,0
1.42
36
.945
24,0
1.299
33,0
14858
M40 x 1,5
2
1.575
40,0
2.24
57,0
.51
13,0
1.81
46
1.299
33,0
1.654
42,0
14859
M50 x 1,5
2
1.968
50,0
2.48
63,0
.55
14,0
2.17
55
1.575
40,0
2.047
52,0
14860
M63 x 1,5
2
2.480
63,0
2.72
69,0
.55
14,0
2.76
70
1.968
50,0
2.480
63,0
14861
M75 x 1,5
2
2.953
75,0
2.80
71,0
.59
15,0
3.15
80
Short Threads
.118
3,0
.157
4,0
14862
M10 x 1,5
1
.394
10,0
1.14
29,0
.20
5,0
.51/.63
13/16
.157
4,0
.236
6,0
14863
.197
5,0
.256
6,5
14864
M12 x 1,5
1
.472
12,0
1.22
31,0
.20
5,0
.59/.63
15/16
.256
6,5
.315
8,0
14865
.236
6,0
.413
10,5
14866
M16 x 1,5
2
.630
16,0
1.38
35,0
.20
5,0
.71/.75
18/19
.315
8,0
.591
15,0
14867
M20 x 1,5
2
.787
20,0
1.46
37,0
.24
6,0
.94
24
.492
12,5
.807
20,5
14868
M25 x 1,5
2
.984
25,0
1.65
42,0
.28
7,0
1.18
30
.669
17,0
1.004
25,5
14869
M32 x 1,5
2
1.260
32,0
1.89
48,0
.31
8,0
1.42
36
.945
24,0
1.299
33,0
14870
M40 x 1,5
2
1.575
40,0
2.05
52,0
.31
8,0
1.81
46
1.299
33,0
1.654
42,0
14871
M50 x 1,5
2
1.968
50,0
2.28
58,0
.35
9,0
2.17
55
1.575
40,0
2.047
52,0
14872
M63 x 1,5
2
2.480
63,0
2.56
65,0
.39
10,0
2.76
70
1.968
50,0
2.480
63,0
14873
M75 x 1,5
2
2.953
75,0
2.64
67,0
.43
11,0
3.15
80
• Extra pull-out resistance for applica-
tions requiring maximum strain relief
in addition to liquid tight sealing.
• IP 68 and IP 69 rated.
• For non-liquid tight Heyco Brass
Clamping Strain Reliefs, see page 4-35.
• Available by special order only.
• Locknuts not included. For metal
locknut specifications or to order
locknuts separately, see page 3-48.
B
D
C


Similar Part No. - 14858

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1485 ETC2-1485 Datasheet
37Kb / 1P
   Insertion/Extraction Tool
1485 ETC2-1485 Datasheet
68Kb / 1P
   WASHERS
logo
Festo Corporation.
1485673 FESTO-1485673 Datasheet
81Kb / 1P
   Quick coupling
1485674 FESTO-1485674 Datasheet
81Kb / 1P
   Quick coupling
2/10/23
1485796 FESTO-1485796 Datasheet
81Kb / 1P
   Quick coupling
More results

Similar Description - 14858

ManufacturerPart #DatasheetDescription
logo
Heyco.
4500 HEYCO-4500 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
14830 HEYCO-14830 Datasheet
112Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
14905 HEYCO-14905 Datasheet
87Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
4530 HEYCO-4530 Datasheet
393Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
4560 HEYCO-4560 Datasheet
267Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
14890 HEYCO-14890 Datasheet
84Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
   Heyco®-Tite Liquid Tight Cordgrips
4613 HEYCO-4613 Datasheet
340Kb / 1P
   Heyco®-Tite EMC Brass Liquid Tight Cordgrips
4600 HEYCO-4600 Datasheet
360Kb / 1P
   Heyco®-Tite EMC Brass Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com