Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5325A Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5325A
Description  12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5325A Datasheet(HTML) 3 Page - Intersil Corporation

  EL5325A_06 Datasheet HTML 1Page - Intersil Corporation EL5325A_06 Datasheet HTML 2Page - Intersil Corporation EL5325A_06 Datasheet HTML 3Page - Intersil Corporation EL5325A_06 Datasheet HTML 4Page - Intersil Corporation EL5325A_06 Datasheet HTML 5Page - Intersil Corporation EL5325A_06 Datasheet HTML 6Page - Intersil Corporation EL5325A_06 Datasheet HTML 7Page - Intersil Corporation EL5325A_06 Datasheet HTML 8Page - Intersil Corporation EL5325A_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Pin Descriptions
EL5325A
PIN NAME
PIN TYPE
PIN FUNCTION
1ENA
Logic Input
Chip select, low enables data input to logic
2
SDI
Logic Input
Serial data input
3
SCLK
Logic Input
Serial data clock
4
SDO
Logic Output
Serial data output
5
EXT_OSC
Logic Input/Output
External oscillator input or internal oscillator output
6, 11
VS+
Analog Power
Positive supply voltage for analog circuits
7
SHDN
Logic Input
Chip shutdown: float enables chip, high > 2V disables chip
8
VSD
Digital Power
Positive power supply for digital circuits (3.3V - 5V)
9
REFH
Analog Reference Input
High reference voltage
10
REFL
Analog Reference Input
Low reference voltage
12
GND
Ground
Ground
13
CAP
Analog Bypass Pin
Decoupling capacitor for internal reference generator, 0.1µF
14
NC
Not connected
17
OUTJ
Analog Output
Channel J programmable output voltage
19
OUTI
Analog Output
Channel I programmable output voltage
20
OUTH
Analog Output
Channel H programmable output voltage
21
OUTG
Analog Output
Channel G programmable output voltage
22
OUTF
Analog Output
Channel F programmable output voltage
23
OUTE
Analog Output
Channel E programmable output voltage
24
OUTD
Analog Output
Channel D programmable output voltage
26
OUTC
Analog Output
Channel C programmable output voltage
27
OUTB
Analog Output
Channel B programmable output voltage
28
OUTA
Analog Output
Channel A programmable output voltage
15
OUTL
Analog Output
Channel L programmable output voltage
16
OUTK
Analog Output
Channel K programmable output voltage
18, 25
GND
Power
Ground
EL5325A


Similar Part No. - EL5325A_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5325AIREZ RENESAS-EL5325AIREZ Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325AIREZ-T13 RENESAS-EL5325AIREZ-T13 Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5325AIREZ-T7 RENESAS-EL5325AIREZ-T7 Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Intersil Corporation
EL5325AIRZ INTERSIL-EL5325AIRZ Datasheet
797Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325AIRZ RENESAS-EL5325AIRZ Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
More results

Similar Description - EL5325A_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5325A INTERSIL-EL5325A Datasheet
797Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325A RENESAS-EL5325A Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Intersil Corporation
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com