Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7531 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7531
Description  Monolithic 1A Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7531 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7531_06 Datasheet HTML 1Page - Intersil Corporation EL7531_06 Datasheet HTML 2Page - Intersil Corporation EL7531_06 Datasheet HTML 3Page - Intersil Corporation EL7531_06 Datasheet HTML 4Page - Intersil Corporation EL7531_06 Datasheet HTML 5Page - Intersil Corporation EL7531_06 Datasheet HTML 6Page - Intersil Corporation EL7531_06 Datasheet HTML 7Page - Intersil Corporation EL7531_06 Datasheet HTML 8Page - Intersil Corporation EL7531_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN7428.9
July 13, 2006
Performance Curves and Waveforms
All waveforms are taken at VIN = 3.3V, VO = 1.8V, IO = 1A with component values shown on page 1 at room ambient temperature, unless otherwise
noted.
FIGURE 1. EFFICIENCY vs IO (PFM/PWM MODE)
FIGURE 2. EFFICIENCY vs IO (PWM MODE)
FIGURE 3. EFFICIENCY vs IO (PFM/PWM MODE)
FIGURE 4. EFFICIENCY vs IO (PWM MODE)
FIGURE 5. FS vs JUNCTION TEMPERATURE (PWM MODE)
FIGURE 6. LOAD REGULATIONS (PWM MODE)
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
IO (A)
VO = 3.3V
VO = 2.5V
VO = 1.8V
VO = 1.5V
VO = 1.2V
VIN = 5V
VO = 1.0V
VO = 0.8V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
IO (A)
VO = 3.3V
VO = 2.5V
VO = 1.2V
VO = 0.8V
VIN = 5V
VO = 1.0V
VO = 1.8V
VO = 1.5V
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.010
0.100
1.000
IO (A)
VO = 2.5V
VO = 1.5V
VO = 1.2V
VO = 0.8V
VIN = 3.3V
VO = 1.0V
VO = 1.8V
0
10
20
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
IO (A)
30
VO = 2.5V
VO = 1.8V
VO = 1.5V
VO = 1.2V
VO = 1.0V
VO = 0.8V
VIN = 3.3V
1.32
1.34
1.36
1.38
1.4
1.42
1.44
-50
0
50
100
150
TA (°C)
VIN = 5V IO = 1A
VIN = 3.3V IO = 1A
VIN = 5V IO = 0A
VIN = 3.3V IO = 0A
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0
0.2
0.4
0.6
0.8
1
IO (A)
VIN = 3.3V
VIN = 5V
EL7531


Similar Part No. - EL7531_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531IY INTERSIL-EL7531IY Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531IY-T13 INTERSIL-EL7531IY-T13 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531IY-T7 INTERSIL-EL7531IY-T7 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531IYZ INTERSIL-EL7531IYZ Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531IYZ RENESAS-EL7531IYZ Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results

Similar Description - EL7531_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com